Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 3 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Electrical Characteristics,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS³2*ID*RDS(on)max , ID = -21.5 A
gfs
5.2
10.4
S
Input capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Ciss
1228
1535
pF
Output capacitance
Coss
387
383
VGS = 0 V, VDS = -25 V, f = 1 MHz
Reverse transfer capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Crss
142
177
Turn-on delay time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
td(on)
13
19.5
ns
Rise time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
tr
11
16.5
Turn-off delay time
td(off)
30
45
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
Fall time
VDD = -30 V, VGS = -10 V, ID = -21.5 A,
RG = 1.6 W
tf
20
30
3
Rev:2023A2
SPD30P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com