Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Thermal Characteristics
Parameter
Symbol
Values
Unit
min.
typ.
max.
Characteristics
Thermal resistance, junction - case
RthJC
1.2
K/W
Thermal resistance, junction - ambient, leaded
RthJA
100
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
75
50
Electrical Characteristics, at Tj= 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = -250 µA
V(BR)DSS
-60
V
Gate threshold voltage, VGS = VDS
ID = -1.7 mA
VGS(th)
-2.1
-3
-4
Zero gate voltage drain current
VDS = -60 V, VGS = 0 V, Tj = 25 °C
VDS = -60 V, VGS = 0 V, Tj = 150 °C
µA
-1
-100
IDSS
-0.1
-10
Gate-source leakage current
IGSS
-10
-100
VGS = -20 V, VDS = 0 V
nA
Drain-source on-state resistance
VGS = -10 V, ID = -21.5 A
RDS(on)
69
75
2
Rev:2023A2
m
Ω
SPD30P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com