Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 6 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 6 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Typ. drain-source-on-resistance
RDS(on) = f (ID)
parameter: VGS
0
-10
-20
-30
-40
A
-60
ID
0.00
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0.22
W
0.26
SPD30P06P
c
VGS [V] =
c
-5.0
d
d
-5.5
e
e
-6.0
f
f
-6.5
g
g
-7.0
h
h
-7.5
i
i
-8.0
j
j
-9.0
k
k
-10.0
Typ. output characteristic
ID = f (VDS); Tj=25°C
parameter: tp = 80 µs
0
-2
-4
-6
-8
-10
V
-13
VDS
0
-5
-10
-15
-20
-25
-30
-35
-40
-45
-50
-55
-60
A
-75
SPD30P06P
VGS [V]
a
a
-4.0
b
b
-4.5
c
c
-5.0
d
d
-5.5
e
e
-6.0
f
f
-6.5
g
g
-7.0
h
h
-7.5
i
i
-8.0
j
j
-9.0
k
Ptot = 125.00W
k
-10.0
Typ. transfer characteristics ID= f ( VGS )
VDS³ 2 x ID x RDS(on)max
parameter: tp = 80 µs
0
-1
-2
-3
-4
-5
-6
-7
-8
V
-10
VGS
0
-10
-20
-30
-40
A
-60
Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter: gfs
0
-1
-2
-3
-4
-5
-6
-7
-8
A
-10
ID
0
1
2
3
4
5
6
7
8
9
10
11
S
13
6
Rev:2023A2
SPD30P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com