Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 4 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical Characteristics,at T j = 25 °C, unless
Unit
Values
Symbol
Parameter
min.
typ.
max.
Qgs
3.7
5.6
nC
Qgd
13.8
20.7
Dynamic Characteristics
Gate to source charge
VDD = -48 V, ID = -30 A
Gate to drain charge
VDD = -48 V, ID = -30 A
Gate charge total
Qg
48
VDD = -48 V, ID = -30 A, VGS = 0 to -10 V
32
Gate plateau voltage
VDD = -48 V , ID = -30 A
V(plateau)
-5.2
V
Parameter
Symbol
Values
Unit
min.
typ.
max.
Reverse Diode
Inverse diode continuous forward current
TC = 25 °C
IS
-30
A
Inverse diode direct current,pulsed
TC = 25 °C
ISM
-120
Inverse diode forward voltage
VGS = 0 V, IF = -30
VSD
-1.3
-1.7
V
Reverse recovery time
VR = -30 V, IF=IS , diF/dt = 100 A/µs
trr
64.6
97
ns
Reverse recovery charge
VR = -30 V, IF=lS , diF/dt = 100 A/µs
Qrr
153
230
nC
4
Rev:2023A2
SPD30P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com