Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 1 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Features
· P-Channel
· Enhancement mode
· Avalanche rated
· dv/dt rated
· 175°C operating temperature
Product Summary
Maximum Ratings,at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Value
Unit
-30
-21.5
ID
ID puls
-120
EAS
250
mJ
Continuous drain current
A
TC = 25 °C
TC = 100 °C
Pulsed drain current
TC = 25 °C
Avalanche energy, single pulse
ID = -30 A , VDD = -25 V, RGS = 25 W
Avalanche energy, periodic limited by Tjmax
EAR
12.5
Reverse diode dv/dt
dv/dt
6
IS = -30 A, VDS = -48 V, di/dt = 200 A/µs,
Tjmax = 175 °C
kV/µs
Gate source voltage
VGS
±20
V
Power dissipation
TC = 25 °C
Ptot
125
W
Operating and storage temperature
Tj , Tstg
-55+175
°C
IEC climatic category; DIN IEC 68-1
55/175/56
Rev:2023A2
1
G
D
S
SPD30P06
-60V P-Channel MOSFET
mJ
W
RDS(on)=75 mW
VDS (V) = -60V
ID = -30A (VGS = -10V)
(VGS = -10V)
·
·
·


Similar Part No. - SPD30P06

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
SPD30P06 UMW-SPD30P06 Datasheet
828Kb / 9P
-60V P-Channel MOSFET
logo
Infineon Technologies A...
SPD30P06P INFINEON-SPD30P06P Datasheet
112Kb / 9P
SIPMOS Power-Transistor
1999-11-22
SPD30P06P INFINEON-SPD30P06P Datasheet
557Kb / 10P
SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 2.3 2008-09-02
logo
Inchange Semiconductor ...
SPD30P06P ISC-SPD30P06P Datasheet
308Kb / 2P
isc P-Channel MOSFET Transistor
logo
Infineon Technologies A...
SPD30P06PG INFINEON-SPD30P06PG Datasheet
557Kb / 10P
SIPMOS횘 Power-Transistor Features Enhancement mode Avalanche rated
Rev 2.3 2008-09-02
More results

Similar Description - SPD30P06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB27P06 FAIRCHILD-FQB27P06 Datasheet
700Kb / 9P
60V P-Channel MOSFET
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
60V P-Channel MOSFET
FQP11P06 FAIRCHILD-FQP11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQP47P06 FAIRCHILD-FQP47P06 Datasheet
714Kb / 8P
60V P-Channel MOSFET
FQPF11P06 FAIRCHILD-FQPF11P06 Datasheet
646Kb / 8P
60V P-Channel MOSFET
FQPF7P06 FAIRCHILD-FQPF7P06 Datasheet
665Kb / 8P
60V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4441 WHXPCB-AO4441 Datasheet
2Mb / 5P
60V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM17P06 KERSEMI-KSM17P06 Datasheet
1Mb / 6P
60V P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO4421 UMW-AO4421 Datasheet
376Kb / 6P
-60V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com