Electronic Components Datasheet Search
  English  ▼

X  

SPD30P06 Datasheet(PDF) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

Part # SPD30P06
Description  -60V P-Channel MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Direct Link  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

SPD30P06 Datasheet(HTML) 5 Page - EVER SEMICONDUCTOR CO.,LIMITED

  SPD30P06 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 5Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 6Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 7Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 8Page - EVER SEMICONDUCTOR CO.,LIMITED SPD30P06 Datasheet HTML 9Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Drain current
ID = f (TC)
parameter: VGS³ 10 V
0
20
40
60
80
100 120 140 160°C 190
TC
0
-4
-8
-12
-16
-20
-24
A
-32
SPD30P06P
Power dissipation
Ptot = f (TC)
0
20
40
60
80
100 120 140 160°C 190
TC
0
10
20
30
40
50
60
70
80
90
100
110
120
W
140
SPD30P06P
Transient thermal impedance
ZthJC = f (tp)
parameter : D = tp/T
10
-7
10
-6
10
-5
10
-4
10
-3
10
-2
s
10
0
tp
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
K/W
SPD30P06P
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50
Safe operating area
ID = f ( VDS )
parameter : D = 0 , TC = 25 °C
-10
-1
-10
0
-10
1
V
-10
2
VDS
0
-10
1
-10
2
-10
3
-10
A
SPD30P06P
DC
10 ms
1 ms
100 µs
t
p
= 31.0µs
5
Rev:2023A2
SPD30P06
-60V P-Channel MOSFET



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com