Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  33291 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
33291
PIN CONNECTIONS
PIN CONNECTIONS
Figure 3. 33291 Pin Connections
Table 2. Pin Definitions
Pin
Pin Name
Formal Name
Definition
1
OP7
Output 7
Connection to drain of output MOSFET number seven.
2
OP6
Output 6
Connection to drain of output MOSFET number six.
3
SCLK
System Clock
Clocks the internal Shift registers of the 33291.
4
SI
Serial Input
This pin is for the input of serial instruction data. SI information is read on the falling
edge of SCLK.
5–8, 17–20
GND
Ground
Connection to IC Power Ground and functions as part of heat sinking path.
9
SO
Serial Output
Tri-stateable output from the Shift register.
10
CS
Chip Select
Whenever this pin is in a logic low state, data can be transferred from the MCU to the
33291 through the SI pin and from the 33291 to the MCU through the SO pin.
11
OP5
Output 5
Connection to drain of output MOSFET number five.
12
OP4
Output 4
Connection to drain of output MOSFET number four.
13
OP3
Output 3
Connection to drain of output MOSFET number three.
14
OP2
Output 2
Connection to drain of output MOSFET number two.
15
SFPD
Short Fault
Protect Disable
This pin is used to prevent the outputs from latching-OFF because of an overcurrent
condition.
16
V
DD
Logic Supply
Plus supply for logic.
21
V
PWR
Output MOSFET
Gate Drive Supply
Main power supply.
22
RST
Reset
This pin is active low. It is used to clear the SPI Shift register, thereby setting all
output switches OFF
.
23
OP1
Output 1
Connection to drain of output MOSFET number one.
24
OP0
Output 0
Connection to drain of output MOSFET number zero.
OP0
GND
GND
GND
GND
VDD
SFPD
OP2
OP3
OP1
RST
VPWR
OP7
GND
GND
GND
GND
SO
CS
OP4
OP6
SCLK
SI
OP5
5
6
7
8
9
10
11
12
2
3
4
24
20
19
18
17
16
15
13
23
22
21
14
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com