Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33291 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33291
ELECTRICAL CHARACTERISTICS
MAXIMUM RATINGS
Thermal Resistance
Junction-to-Ambient (Natural Convection, Single-Layer Board) (12), (13)
Junction-to-Ambient (Natural Convection, Four-Layer Board) (12), (14)
Junction to Board (15)
RθJA
RθJMA
RθJL
68
44
20
°C/W
Notes
12.
Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal resistance.
13.
Per SEMI G38-87 and JEDEC JESD51-2 with the single layer board (JESD51-3) horizontal.
14.
Per JEDEC JESD51-6 with the board (JESD51-7) horizontal.
15.
Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8.
Table 3. Maximum Ratings (continued)
All voltages are with respect to ground unless otherwise noted. Exceeding these ratings may cause a malfunction or
permanent damage to the device.
Rating
Symbol
Value
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com