Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
33291
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 7. Valid Data Delay Time and
Valid Time Waveforms
Figure 8. Enable and Disable Time Waveforms
Figure 9. Switching Time Test Circuit
Figure 10. Output Fault Unlatch Disable
Delay Test Circuit
SCLK
SO
SO
(Low-to-High)
(High-to-Low)
tVALID
tDLY(LH)
tDLY(HL)
0.2 VDD
0.7 VDD
tR (SO)
tF (SO)
0.7 VDD
0.2 VDD
0.7 VDD
50%
0.2 VDD
0
tR (SI)
< 50 ns
< 50 ns
tF (SI)
5.0 V
VOH
VOL
VOH
VOL
SO (Low-to-High) is for an output with internal conditions such that
the low-to-high transition of CS causes the SO output to switch from
high to low.
90%
10%
10%
10%
90%
90%
CS
SO
SO
(High-to-Low)
(Low-to-High)
0.2 VDD
0.7 VDD
< 50 ns
< 50 ns
tR(SI)
tF(SI)
tSO(EN)
tSO(DIS)
tSO(EN)
tSO(DIS)
VTri-State
5.0 V
0
tSO(DIS)
VTri-State
VOH
1. SO (high-to-low) waveform is for SO output with internal conditions such
that SO output is low except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., open load.
2. SO (low-to-high) waveform is for SO output with internal conditions such
that SO output is high except when an output is disabled as a result of de-
tecting a circuit fault with CS in a High Logic state; e.g., shortened load.
CL represents the total capacitance of the test fixture and probe.
CS
Output
CL
33291
Under
Test
VDD = 5.0 V
VPWR = 14 V
RL = 26 Ω
CS
Output
CL = 20 pF
33291
Under
Test
VDD = 5.0 V
VPWR = 11 V
CL represents the total capacitance of the test fixture and probe.
ΙL = 2.0 Α
(Ουτπυτ ΟΝ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com