Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33291 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
Document Number: MC33291
Rev. 4.0, 10/2006
Freescale Semiconductor
Technical Data
Freescale Semiconductor, Inc. reserves the right to change the detail specifications, as
may be required, to permit improvements in the design of its products.
© Freescale Semiconductor, Inc., 2006. All rights reserved.
Eight-Output Switch with Serial
Peripheral Interface I/O
The 33291 device is an eight-output, low-side power switch with 8-
bit serial input control. The 33291 is a versatile circuit designed for
automotive applications, but is well suited for other environments. The
33291 incorporates SMARTMOS technology, with CMOS logic,
bipolar/MOS analog circuitry, and DMOS power MOSFETs. The 33291
interfaces directly with a microcontroller to control various inductive or
incandescent loads.
The circuit’s innovative monitoring and protection features include
very low standby current, SPI cascade fault reporting capability,
internal 53 V clamp on each output, output-specific diagnostics, and
independent shutdown of outputs.
The device is parametrically specified over an ambient temperature
range of -40
°C ≤ T
A ≤ 125°C and 9.0 V ≤ VPWR ≤ 16 V supply.
Features
• Designed to Operate Over Wide Supply Voltages of 5.5 V to 26.5 V
• Interfaces to Microprocessor Using 8-Bit SPI I/O Protocol up to 3.0
MHz
•1.0 A Peak Current Outputs with Maximum RDS(ON) of 1.6 Ω at TJ -
150
°C
• Outputs Current-Limited to Accommodate In-Rush Currents
Associated with Switching Incandescent Loads
• Output Voltages Clamped to 53 V During Inductive Switching
• Maximum Sleep Current (IPWR) of 25 µA
• Maximum of 4.0 mA IDD During Operation
• Pb-Free Packaging Designated by Suffix Code EG
Figure 1. 33291 Simplified Application Schematic
LOW-SIDE SWITCH
DW SUFFIX
EG SUFFIX (PB-FREE)
98ASB42344B
24-PIN SOICW
33291
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33291DW/R2
-40
°C to 125°C
24 SOICW
MCZ33291EG/R2
MCU
33291
VDD
V PWR
SFPD
CS
SCLK
SI
RESET
SO
VDD
VPWR
OP 0
OP 1
OP 2
OP 3
OP 4
OP 5
OP 6
OP 7
GND


Similar Part No. - 33291

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33291 FREESCALE-33291 Datasheet
1Mb / 27P
Eight-Output Switch with Serial Peripheral Interface I/O
logo
Weller Tools
332912 WELLER-332912 Datasheet
273Kb / 2P
Soldering Stations
logo
Freescale Semiconductor...
33291L FREESCALE-33291L Datasheet
593Kb / 25P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
More results

Similar Description - 33291

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33291 MOTOROLA-MC33291 Datasheet
633Kb / 24P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
MC33298 FREESCALE-MC33298 Datasheet
534Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L Datasheet
593Kb / 25P
Eight-Output Switch with Serial Peripheral Interface I/O
33291 FREESCALE-33291_08 Datasheet
1Mb / 27P
Eight-Output Switch with Serial Peripheral Interface I/O
33291L FREESCALE-33291L_08 Datasheet
1Mb / 26P
Eight-Output Switch with Serial Peripheral Interface I/O
MC33298 FREESCALE-MC33298_08 Datasheet
643Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Motorola, Inc
MC33298 MOTOROLA-MC33298 Datasheet
1Mb / 23P
Eight Output Switch with Serial Peripheral Interface I/O
logo
Freescale Semiconductor...
33880 FREESCALE-33880_12 Datasheet
590Kb / 25P
Configurable Octal Serial Switch with Serial Peripheral Interface I/O
logo
NXP Semiconductors
MC33298 NXP-MC33298 Datasheet
966Kb / 28P
Eight Output Switch with Serial Peripheral Interface I/O
Rev. 6.0, 4/2008
MC33291 NXP-MC33291 Datasheet
901Kb / 27P
Eight-Output Switch with Serial Peripheral Interface I/O
Rev 5, 07/2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com