Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 13Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 14Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 15Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 16Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 17Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 18Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
15
33291
FUNCTIONAL DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
FUNCTIONAL PIN DESCRIPTION
CHIP SELECT (CS)
The 33291 receives its MCU communication through the
CS
pin. Whenever this pin is in a logic low state, data can be
transferred from the MCU to the 33291 by way of the SI pin
and from the 33291 to the MCU through the SO pin. Clocked-
in data from the MCU is transferred from the 33291 Shift
register and latched into the power outputs on the rising edge
of the CS signal. On the falling edge of the CS signal, drain
status information is transferred from the power outputs then
loaded into the Shift register of the device. The CS pin also
controls the output driver of the serial output (SO) pin.
Whenever the CS pin goes to a logic low state, the SO pin
output driver is enabled allowing information to be transferred
from the 33291 to the MCU. To avoid data corruption or the
generation of spurious data, it is essential the high-to-low
transition of the CS signal occur only when SCLK is in a logic
low state.
SYSTEM CLOCK (SCLK)
The system clock (SCLK) pin clocks the internal shift
registers of the 33291. The serial input (SI) pin accepts data
into the Input Shift register on the falling edge of the SCLK
signal while the serial output (SO) pin shifts data information
out of the SO line driver on the rising edge of the SCLK signal.
False clocking of the Shift register must be avoided to
guarantee validity of data. It is essential the SCLK pin be in a
logic low state whenever the chip select bar (CS) pin makes
any transition. For this reason, it is recommended, though not
absolutely necessary, the SCLK pin be kept in a low logic
state as long as the device is not accessed (CS in logic high
state). When CS is in a logic high state, signals at the SCLK
and SI pins are ignored and SO is tri-stated (high
impedance). See the Data Transfer Timing diagram in
Figure 18, page 17.
SERIAL INSTRUCTION (SI)
This pin is for the input of serial instruction (SI) data. SI is
read on the falling edge of SCLK. A logic high state present
on this pin when the SCLK signal rises will program a specific
output OFF. In turn, CS pin turns OFF the specific output on
the rising edge of the CS signal. Conversely, a logic low state
present on the SI pin will program the output ON, In turn, the
pin turns ON the specific output on the rising edge of the CS
signal.
To program the eight outputs of the 33291 ON or OFF, an
8-bit serial stream of data is required to be synchronously
entered into the SI pin starting with Output 7, followed by
Output 6, Output 5, and so on, to Output 0. Referring to
Figure 18, the DO bit is the most significant bit (MSB)
corresponding to Output 7. For each rise of the SCLK signal,
with CS held in a logic low state, a data-bit instruction (ON or
OFF) is synchronously loaded into the Shift register per the
data-bit SI state. The Shift register is full after eight bits of
information have been entered. To preserve data integrity,
care should be taken to not transition SI as SCLK transitions
from a low-to-high logic state.
SERIAL OUTPUT (SO)
The serial output (SO) pin is the tri-stateable output from
the Shift register. The SO pin remains in a high impedance
state until the CS pin goes to a logic low state. The SO data
reports the drain status, either high or low relative to the
previous command word. The SO pin changes state on the
rising edge of SCLK and reads out on the falling edge of
SCLK. When an output is OFF and not faulted, the
corresponding SO data-bit is a high state. When an output is
ON, and there is no fault, the corresponding data-bit on the
SO pin will be a low logic state. The SI/SO shifting of data
follows a first-in-first-out (FIFO) protocol with both input and
output words transferring the MSB first. Referring to
Figure 18, the DO bit is the MSB corresponding to Output 7
relative to the previous command word. The SO pin is not
affected by the status of the RST pin.
RESET (RST)
The 33291 Reset (RST) pin is active low. It is used to clear
the SPI Shift register. In doing so, all output switches are set
at OFF. With the device in a system with an MCU, upon initial
system power-up, the MCU holds the RST pin of the device
in a logic low state, ensuring all outputs to be OFF until both
the VDD and VPWR pin voltages are adequate for predictable
operation. After the 33291 is reset, the MCU is ready to
assert system control with all output switches initially OFF.
If the VPWR pin of the 33291 experiences a low voltage,
following normal operation, the MCU should pull the RST pin
low to shut down the outputs and clear the input data register.
The RST pin is active low and has an internal pull-down
incorporated to ensure operational predictability should the
external pull-down of the MCU open circuit. The internal pull-
down is only 25
µA, affording safe and easy interfacing to the
MCU. The RST pin of the 33291 should be pulled to a logic
low state for a duration of at least 250 ns to ensure reliable a
reset.
A simple power ON reset delay of the system can be
programmed through the use of an RC network comprised of
a shunt capacitor from the RST pin to Ground and a resistor
to VDD, illustrated in Figure 17. Care should be exercised
ensuring proper discharge of the capacitor. Careful attention
eliminates adverse delay of the RST and damage of the MCU
if it pulls the Reset line low, thereby accomplishing
initialization for turn ON delay. It may be easier to incorporate
delay into the software program and use a parallel port pin of
the MCU to control the 33291 RST pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com