Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  33291 Datasheet HTML 1Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 2Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 3Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33291
Figure 2. 33291 Simplified Block Diagram
VPWR
21
Gate
Control
Open
Load
Detect
Short
Circuit
Detect
Over-
temperature
Detect
Over-
voltage
Voltage
Regulator
Serial D/O
Line Driver
OVD
VDD
RB
SFPD
SFL
CS
SCLK
SI
SO
CSI
CSBI
GE
OT
SF
OF
SPI
Interface
Logic
+
-
Fault Timers
+
+
+
10
µA
25
µA
10
µA
Bias
To Gates
1–7
Output 0
24
Outputs
From Detectors 1–7
RS
lLimit
53 V
1, 2, 11–14, 23
VDD
SFPD
RST
CS
SCLK
SI
SO
16
15
22
10
3
4
9
10
µA
10
µA
Grounds
5–8, 17–20
Table 1. Fault Operation
SERIAL OUTPUT (SO) PIN REPORTS
Overvoltage
Overvoltage condition reported.
Overtemperature
Fault reported by Serial Output (SO) pin.
Overcurrent
SO pin reports short to battery/supply or overcurrent condition.
Output ON, Open Load Fault
Not reported.
Output OFF, Open Load Fault
SO pin reports output OFF open load condition.
DEVICE SHUTDOWNS
Overvoltage
Total device shutdown at VPWR = 28 V to 36 V. All outputs are latched off while the SPI register is reset
(cleared). Outputs can be turned back on with a new SPI command after VPWR has decayed below 26.5 V.
Overtemperature
Only the output experiencing an overtemperature condition turns OFF.
Overcurrent
Only the output experiencing an overcurrent shuts down at 1.0 A to 3.0 A after a 70
µs to 250 µs delay, with
SFPD pin grounded. All other outputs will continue to operate in a current limit mode with no shutdown if the
SFPD pin is at 5.0 V (so long as the individual outputs are not experiencing thermal limit conditions).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com