Electronic Components Datasheet Search
  English  ▼

X  

33291 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # 33291
Description  Eight-Output Switch with Serial Peripheral Interface I/O
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33291 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button 33291 Datasheet HTML 4Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 5Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 6Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 7Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 8Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 9Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 10Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 11Page - Freescale Semiconductor, Inc 33291 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
33291
ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 5. Dynamic Electrical Characteristics
Characteristics noted under conditions 4.5 V ≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 16 V, -40°C ≤ TA ≤ 125°C, unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions, unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
POWER OUTPUT TIMING
Output Rise Time (VPWR = 13 V, RL = 26 Ω)
(28)
tR
0.4
5.0
20
µs
Output Fall Time (VPWR = 13 V, RL = 26 Ω)
(28)
tF
0.4
5.0
20
µs
Output Turn-ON Delay Time (VPWR = 13 V, RL = 26 Ω)
(29)
tDLY(ON)
1.0
15
50
µs
Output Turn-OFF Delay Time (VPWR = 13 V, RL = 26 Ω)
(30)
tDLY(OFF)
1.0
15
50
µs
Output Short Fault Disable Report Delay (31)
SFPD = 0.2 x VDD
tDLY(SF)
70
150
250
µs
Output OFF Fault Report Delay (32)
SFPD = 0.2 x VDD
tDLY(OFF)
70
150
250
µs
DIGITAL INTERFACE TIMING
Required Low State Duration for RST (VIL < 0.2 VDD)
(32)
tW(RST)
–
50
167
ns
Falling Edge of CS to Rising Edge of SCLK (Required Setup Time)
tLEAD
–
50
167
ns
Falling Edge of SCLK to Rising Edge of CS (Required for Setup Time)
tLAG
–
50
167
ns
SI to Falling Edge of SCLK (Required for Setup Time)
tSI(SU)
–
25
83
ns
Falling Edge of SCLK to SI (Required for Hold Time)
tSI(HOLD)
–
25
83
ns
SO Rise Time (CL = 200 pF)
tR(SO)
–
25
50
ns
SO Fall Time (CL = 200 pF)
tF(SO)
–
25
50
ns
SI, CS, SCLK, Incoming Signal Rise Time (34)
tR(SI)
–
–
50
ns
SI, CS, SCLK, Incoming Signal Fall Time (34)
tF(SI)
–
–
50
ns
Time from Falling Edge of CS to SO Low Impedance (35)
tSO(EN)
–
–
110
ns
Time from Rising Edge of CS to SO High Impedance (36)
tSO(DIS)
–
–
110
ns
Time from Rising Edge of SCLK to SO Data Valid (37)
0.2 VDD ≤ SO ≥ 0.8 VDD, CL = 200 pF
tVALID
–
65
105
ns
Notes
28.
Output Rise and Fall time respectively measured across a 26
Ω resistive load at 10% to 90% and 90% to 10% voltage points.
29.
Output Turn-ON Delay time measured from 50% rising edge of CS to 90% of Output OFF voltage (VPWR) with RL = 26 Ω resistive load.
30.
Output Turn-OFF Delay time measured from 50% rising edge of CS to 10% of Output OFF voltage (VPWR) with RL = 26 Ω resistive load.
31.
Propagation time of Short Fault Disable Report measured from 50% rising edge of CS to 10% Output OFF voltage (VPWR), VPWR =
6.0 V and SFPD = 2.0 x VDD.
32.
Output OFF Fault Report Delay measured from 50% rising edge of CS to 10% rising edge of Output OFF voltage (VPWR).
33.
RST
Low duration measured with outputs enabled and going to OFF or disabled condition.
34.
Rise and Fall time of incoming SI, CS, and SCLK signals suggested for design consideration to prevent the occurrence of double pulsing.
35.
Time required for output status data to be available for use at the SO pin.
36.
Time required for output status data to be terminated at the SO pin.
37.
Time required to obtain valid data out from SO following the rise of SCLK. See Figure 7, page 10.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com