Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 20Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 21Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 22Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 23Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 24Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 25Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Analog Integrated Circuit Device Data
22
Freescale Semiconductor
33486A
TYPICAL APPLICATIONS
TYPICAL APPLICATIONS
Figure 29. 33486A Typical Application Diagram
33486A
5.0 V
5.0 V
ST
IN1
IN2
WAKE
Cur R
VBAT
OUT2
GLS2
OUT1
GLS1
GND
GND
VBAT
1.0 k
Ω
10 k
Ω
470
µF
MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com