Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
Analog Integrated Circuit Device Data
6
Freescale Semiconductor
33486A
STATIC ELECTRICAL CHARACTERISTICS
OVERLOAD PROTECTION
High-Side Output Current Shutdown
ILIM
20
35
50
A
Low-Side Over Load Detection (VOUT-GND)
VOUT-FAULT
1.0
–
1.6
V
Thermal Shutdown
TSHUT
150
175
190
°C
Thermal Shutdown Hysteresis
THYST
–
10
–
°C
Undervoltage Shutdown Threshold
VUV
6.0
7.0
8.0
V
Undervoltage Shutdown Hysteresis
VUYST
–
0.15
–
V
Overvoltage Shutdown Threshold
VOV
27
29
31
V
Overvoltage Shutdown Hysteresis
VOV-HYST
–
0.15
–
V
CURRENT RECOPY
Current Recopy Ratio
IOUT from 4.0 A to 8.0 A, TJ = -40°C to 105°C
IOUT from 2.0 A to 4.0 A, TJ = -40°C to 105°C
CR
3145
2960
3700
3700
4255
4440
–
Table 3. STATIC ELECTRICAL CHARACTERISTICS (continued)
Characteristics noted under conditions 9.0 V ≤ VBAT ≤ 16 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TJ = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com