Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  33486A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Document order number:
MC33486A
Rev 2.0, 12/2005
Freescale Semiconductor
Technical Data
* This document contains certain information on a new product.
Specifications and information herein are subject to change without notice.
© Freescale Semiconductor, Inc., 2005. All rights reserved.
Dual High-Side Switch for
H-Bridge Applications
This 33486A is a self-protected dual 15 m
Ω high-side switch that
incorporates a dual low-side switch control and protection features.
This device is used to replace electromechanical relays and discrete
devices in power management applications. It is designed for typical
DC-motor control in an H-Bridge configuration.
The 33486A can directly interface with a microcontroller for control
and diagnostic functions. It is PWM-capable and has a self-adjusting
switching speed for minimizing electromagnetic emission.
Features
•Dual 15 m
Ω High-Side Switch with Dual Low-Side Control
•10 A Nominal DC Current
•8.0 V to 28 V Operating Voltage with Standby Current < 10
µA
• High-Side Overtemperature Protection
• High-Side and Low-Side Overcurrent Protection
• Current Recopy to Monitor High-Side Current
• PWM Capability up to 30 kHz
• Common Diagnostic Output
• Overvoltage and Undervoltage Detection
• Cross-Conduction Management
Figure 1. 33486A Simplified Application Diagram
DUAL HIGH-SIDE SWITCH
33486A
ORDERING INFORMATION
Device
Temperature
Range (TA)
Package
MC33486ADH/R2
-40°C to 125°C
20 HSOP
DH SUFFIX
98ASH70702A
20-TERMINAL HSOP
33486A
MCU
VBAT
IN1
IN2
WAKE
ST
Cur R
GLS1
OUT1
GLS2
OUT2
5.0 V
5.0 V
GND
GND
V
BAT


Similar Part No. - 33486A

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33486-1601 MOLEX4-33486-1601 Datasheet
932Kb / 6P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization A, without Connector Position Assurance, Black
33486-1602 MOLEX4-33486-1602 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 Circuits,Polarization B, without Connector Position Assurance, Gray
33486-1603 MOLEX4-33486-1603 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization C, without Connector Position Assurance, Brown
33486-1604 MOLEX4-33486-1604 Datasheet
822Kb / 5P
3.50mm (.138") Pitch MX150??Hybrid Sealed Male Connector, Dual Row, 16 CircuitsPolarization D, without Connector Position Assurance, Green
More results

Similar Description - 33486A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC33486 MOTOROLA-MC33486 Datasheet
392Kb / 9P
Dual High Side Switch for H-Bridge Automotive Applications
logo
NEC
UPD168001 NEC-UPD168001 Datasheet
138Kb / 20P
MONOLITHIC 4-CHANNEL H BRIDGE LOW-SIDE SWITCH
logo
Infineon Technologies A...
ISP452 INFINEON-ISP452 Datasheet
166Kb / 10P
Smart Power High-Side-Switch for Industrial Applications
2006-03-01
ITS428L2 INFINEON-ITS428L2 Datasheet
238Kb / 13P
Smart High-Side Power Switch for Industrial Applications
2006-Mar-16
ITS4142N INFINEON-ITS4142N Datasheet
444Kb / 19P
Smart High-Side Power Switch for Industrial Applications
2006-03-09
ITS428L2 INFINEON-ITS428L2_08 Datasheet
279Kb / 15P
Smart High-Side Power Switch for Industrial Applications
Rev. 1.1, 2008-10-10
ITS5215L INFINEON-ITS5215L_08 Datasheet
305Kb / 15P
Smart High-Side Power Switch for Industrial Applications
Rev. 1.1, 2008-10-07
logo
STMicroelectronics
L9959 STMICROELECTRONICS-L9959 Datasheet
828Kb / 49P
Single and dual PMOS high-side H-bridge
28-Oct-2015
L9959S STMICROELECTRONICS-L9959S Datasheet
1Mb / 43P
Single and dual PMOS high-side H-bridge
L99H02 STMICROELECTRONICS-L99H02 Datasheet
1Mb / 51P
H-bridge gate driver for automotive applications
24-Feb-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com