Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  33486A Datasheet HTML 1Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 2Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
5
33486A
STATIC ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
Table 3. STATIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 9.0 V ≤ VBAT ≤ 16 V, -40°C ≤ TJ ≤ 150°C unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TJ = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
SUPPLY
Nominal Operating Voltage
VBAT
VUV
–
VOV
V
Standby Current
VBAT < 13.5 V, WAKE = 0 V, IN1 = IN2 = 0 V
ISTDBY
–
–
10
µA
Supply Current in Operation Mode
No PWM, IN1 or IN2 = 5.0 V, WAKE = 5.0 V
ION
–
9.0
15
mA
Supply Current in Operation Mode
PWM = 20 kHz, d = 50% Without Load
IONPWM
–
15
–
mA
OUTPUTS
High-Side Drain to Source On Resistance
IOUT = 5.0 A, VBAT > 10 V, TJ = 25°C
IOUT = 5.0 A, VBAT > 10 V, TJ = 150°C
RDS(ON)
–
–
12
21
15
30
m
Ω
High-Side Body Diode Voltage (OUTn to VBAT)
IOUT = -5.0 A, TJ = 150°C
VBD
–
–
0.7
V
Low-Side Gate Output Voltage
Internally Clamped
VGS
–
–
14
V
IN1, IN2, WAKE
Input Low Levels
VIL
–
–
1.5
V
Input High Levels
VIH
3.5
–
–
V
Input Hysteresis
IN1 and IN2 Terminals Only
VHYST
0.2
0.6
1.0
V
Logic Input Current
VIN = 1.5 V
VIN = 3.5 V
IIN
1.0
–
–
–
–
50
µA
STATUS
Status Voltage
IST = 1.0 mA, Output in Fault
VST
–
–
0.5
V
Status Leakage
VST = 5.0 V
ISTLK
–
–
10
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com