Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 11Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 13Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 14Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 15Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Analog Integrated Circuit Device Data
12
Freescale Semiconductor
33486A
FUNCTIONAL DESCRIPTION
FUNCTIONAL INTERNAL BLOCK DESCRIPTION
Thermal Model
The junction-to-ambient thermal resistance of the circuit
mounted on a printed circuit board can be spit into two main
parts: junction-to-case and case-to-ambient resistances.
Figure 8 shows a simplified steady state model.
Figure 8. Simplified Thermal Model
(Electrical Equivalent)
The use of this model is similar to the electrical Ohm law
(voltage = resistance x current), where:
•Voltage represents temperature.
•Current represents power dissipated by the device.
•Resistance represents thermal resistance.
We finally have:
Temperature or delta temperature = power dissipation
times thermal resistance; that is,
°C = W x °C/W.
Any node temperature can easily be calculated knowing
the amount of power flowing through the thermal resistances.
Example
1. Numerical Value
•Junction-to-case thermal resistance (RθJC): 2.0°C/W
•Power into the switch: Assuming the device is driving
8.0 A at 150
°C junction temperature (RDS(ON) at
150
°C is 40 mΩ), the total power dissipation is 0.04 *
8 * 8 = 2.56 W
•Case-to-ambient thermal resistance (RθCA): 20°C/W
2. Results
•Junction-to-case delta temperature: 5.0
°C (2.5 W x
2.0
°C/W)
•Case delta temperature from ambient: 50
°C (20°C/W x
2.5 W)
•Actual junction temperature node will be:
50
°C + 5.0°C = 55°C above the ambient
temperature.
Assuming an 85
°C ambient temperature, the junction
temperature is 85
°C + 55°C = 140°C.
The above example takes into account the junction-to-
ambient thermal resistance, assuming that ambient
temperature is 85
°C.
In the case where the device plus its printed circuit board
are located inside a module, the ambient temperature of the
module should be taken into account. Or an additional
thermal resistance from inside module to external ambient
temperature must be added. The calculation method remains
the same.
The low-side block is packaged into D2PAK or DPAK
package. Junction-to-case thermal resistance is
approximately 2/0
°C/W. The junction-to-ambient thermal
resistance follows the same rules as for the high-side block
and is in the same range.
RθCA
RθJC
Junction Temperature Node
Ambient Temperature Node
Case Temperature Node
Switch
Power (W)
(1.0 A = 1.0 W of
(1.0 V = 1.0
°C Ambient Temperature)
(Volts represent Die
Surface Temperature)
(1.0
Ω = 1.0°C/W)
Power Dissipation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com