Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 3Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 4Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 5Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 6Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 7Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 8Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 9Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 10Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
7
33486A
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Table 4. DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 9.0 V ≤ VBAT ≤ 16 V, -40°C ≤ TJ ≤ 150°C, unless otherwise noted. Typical values noted
reflect the approximate parameter mean at TJ = 25°C under nominal conditions unless otherwise noted.
Characteristic
Symbol
Min
Typ
Max
Unit
OVERLOAD PROTECTION
High-Side Overcurrent Shutdown Delay (7)
tILIM
–
3.0
20
µs
Low-Side Over Load Detection (VOUT-GND) Shutdown Delay
(8)
tOUT-FAULT
–
3.0
10
µs
OUTPUT TIMING
High-/Low-Speed Mode to Low-/High-Speed Mode Transition Pulse Width
tSMOD
150
250
350
µs
Gate Low-Side Rise Time in High Speed Mode
From 10% to 90% VOUT, Load = 3.3 nF and 10 Ω
tPSRLS
–
3.6
–
µs
Gate Low-Side Fall Time in High Speed Mode
From 90% to 10% VOUT, Load = 3.3 nF and 10 Ω
tNSRLS
–
0.25
–
µs
HIGH-SPEED MODE
High-Side Positive Slew Rate
From 10% to 65% VOUT, Load = 3.0 Ω
tHR
–
10
–
V/
µs
High-Side Negative Slew Rate
From 90% to 35% VOUT, Load = 3.0 Ω
tHF
–
40
–
V/
µs
High-Side Turn-On Delay Time
To 10% VOUT, Load = 3.0 Ω
tHDON
–
2.5
–
µs
High-Side Turn-Off Delay Time
To 90% VOUT, Load = 3.0 Ω
tHDOFF
–
1.5
–
µs
LOW-SPEED MODE
High-Side Maximum Output Positive Slew Rate
From 10% to 65% VOUT, Load = 3.0 Ω
tLR
–
1.0
–
V/
µs
High-Side Maximum Output Negative Slew Rate
From 90% to 35% VOUT, Load = 3.0 Ω
tLF
–
0.5
–
V/
µs
High-Side Turn On Delay TIme
To 10% VOUT, Load = 3.0 Ω
tLDON
–
10
–
µs
High-Side Turn Off Delay Time
To 90% VOUT, Load = 3.0 Ω
tLOFF
–
80
–
µs
Notes
7.
Time between fault occurrence and output shutdown.
8.
Time between fault occurrence and gate low-side (GLS) shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com