Electronic Components Datasheet Search
  English  ▼

X  

33486A Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 33486A
Description  Dual High-Side Switch for H-Bridge Applications
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

33486A Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 33486A Datasheet HTML 12Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 13Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 14Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 15Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 16Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 17Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 18Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 19Page - Freescale Semiconductor, Inc 33486A Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Analog Integrated Circuit Device Data
16
Freescale Semiconductor
33486A
FUNCTIONAL DESCRIPTION
FUNCTIONAL DEVICE OPERATION
Figure 15. Gate Low-Side (GLS) Rise Time (High-Speed Mode)
Figure 16. Gate Low-Side (GLS) Rise Time (Low-Speed Mode)
Figure 17. Gate Low-Side Fall Time (High-Speed Mode)
2
3
4
5
6
8
10
12
141618
Vbat(V)
2.0
3.0
4.0
5.0
6.0
8.0
VBAT (V)
Note Curve is obtained with a load at GLS of 3.3 nF and 10
Ω at 25°C.
6
7
8
9
10
11
81 3
1 8
Vb at ( V )
11
10
9.0
8.0
7.0
6.0
8.0
18
10
VBAT (V)
Note Curve is obtained with a load at GLS of 3.3 nF and 10
Ω at 25°C.
12
14
16
0.2
0.22
0.24
0.26
0.28
0.3
8
10
12
141618
Vbat(V)
VBAT (V)
8.0
Note
Curve is obtained with a load at GLS of 3.3 nF and 10
Ω at 25°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com