Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 3Page - NXP Semiconductors SA900 Datasheet HTML 4Page - NXP Semiconductors SA900 Datasheet HTML 5Page - NXP Semiconductors SA900 Datasheet HTML 6Page - NXP Semiconductors SA900 Datasheet HTML 7Page - NXP Semiconductors SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors SA900 Datasheet HTML 10Page - NXP Semiconductors SA900 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
7
ABSOLUTE MAXIMUM RATINGS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
-0.3 to +6
V
VIN
Voltage applied to any other pin
-0.3 to (VCC + 0.3)
V
PD
Power dissipation, TA = 25°C (still air)
600
mW
TJMAX
Maximum operating junction temperature
150
°C
PMAX
Maximum power input/output
+10
dBm
TSTG
Storage temperature range
–65 to +150
°C
NOTE:
1. Maximum dissipation is determined by the operating ambient temperature and the thermal resistance,
θJA.
48-pin LQFP:
θJA = 67°C/W
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
RATING
UNITS
VCC
Supply voltage
3.9 to 5.1
V
TA
Operating ambient temperature range
-40 to +85
°C
TJ
Operating junction temperature
-40 to +105
°C
DC ELECTRICAL CHARACTERISTICS
VCC = +4.0V, TA = 25°C; unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Power supply range
3.9
5.1
V
Sleep mode
3.1
ICC
Supply current
Standby mode
8.2
mA
ICC
Supply current
AMPS mode
27.5
mA
DUAL mode
64
I / I
In-phase differential baseband input
DC
0.5VCC
V
Q / Q
Quadraphase differential baseband input
DC
0.5VCC
V
÷ 4
VCC
CLKSET
Divide by 4/5/1
÷ 5
0.5VCC
V
÷ 1
0
VIL
Clock, data, strobe, TXEN
Input low
–0.3
0.3VCC
V
VIH
Clock, data, strobe, TXEN
Input high
0.7VCC
VCC+0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com