Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 4 Page - NXP Semiconductors

  SA900 Datasheet HTML 1Page - NXP Semiconductors SA900 Datasheet HTML 2Page - NXP Semiconductors SA900 Datasheet HTML 3Page - NXP Semiconductors SA900 Datasheet HTML 4Page - NXP Semiconductors SA900 Datasheet HTML 5Page - NXP Semiconductors SA900 Datasheet HTML 6Page - NXP Semiconductors SA900 Datasheet HTML 7Page - NXP Semiconductors SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
4
PIN DESCRIPTIONS
Pin
Description
I
Non-inverting I Mod Signal
I
Inverting I Mod Signal
TXLO_1/2
Second LO Input (differential/single-ended input)
DUALTX
RF output (850MHz) digital (DUAL) mode, complex modulated output
Q
Non-inverting Q Mod Signal
Q
Inverting Q Mod Signal
CLK1
Buffered oscillator output (XO
÷3/÷1)
MCLK
Buffered oscillator output (XO
÷4/÷5/÷1)
CLK2
Buffered oscillator output (XO
÷2/÷1)
AMPSTX
RF output (850MHz) AMPS mode
VCC
+5VDC power supply
GND
Ground
Data
Serial data input
Clock
Serial clock input
Strobe
Data strobe input
TXEN
AMPS and Dual Mode transmit enable
CLKSET
Program control pin for MCLK prescaler
XTAL1
Crystal oscillator base input
XTAL2
Crystal oscillator emitter output
PHSOUT
Phase comparator charge pump output
TANK_1
VCO differential tank
TANK_2
VCO differential tank
LO_1/2
Buffered differential TXLO output
IPEAK
Phase comparator current programming



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com