Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 12Page - NXP Semiconductors SA900 Datasheet HTML 13Page - NXP Semiconductors SA900 Datasheet HTML 14Page - NXP Semiconductors SA900 Datasheet HTML 15Page - NXP Semiconductors SA900 Datasheet HTML 16Page - NXP Semiconductors SA900 Datasheet HTML 17Page - NXP Semiconductors SA900 Datasheet HTML 18Page - NXP Semiconductors SA900 Datasheet HTML 19Page - NXP Semiconductors SA900 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
18
PERFORMANCE CHARACTERISTICS
02
0
DUALTX VGA Attenuation Profile vs. Temperature (VCC = 4.0V, F = 836MHz)
VGA 6-BIT WORD VALUE (LSBs)
46
8
–5
–10
–15
–20
–25
–30
–35
–40
–45
10
12 14
16 18
20 22 24
26
28
30
32 34
36 38
40
42 44
46
48
50 52 54
56
58
60
62
–40
°C
02
DUALTX VGA Attenuation Profile vs. VCC (T = 27°C, F = 836MHz)
VGA 6-BIT WORD VALUE (LSBs)
46
8
10
12 14
16 18
20 22 24
26
28
30
32 34
36 38
40
42 44
46
48
50 52 54
56
58
60
62
SR00649
27
°C
85
°C
3.9V
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
4.0V
4.6V
Figure 14. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com