Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 12Page - NXP Semiconductors SA900 Datasheet HTML 13Page - NXP Semiconductors SA900 Datasheet HTML 14Page - NXP Semiconductors SA900 Datasheet HTML 15Page - NXP Semiconductors SA900 Datasheet HTML 16Page - NXP Semiconductors SA900 Datasheet HTML 17Page - NXP Semiconductors SA900 Datasheet HTML 18Page - NXP Semiconductors SA900 Datasheet HTML 19Page - NXP Semiconductors SA900 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
17
PERFORMANCE CHARACTERISTICS
820
836
850
–43.00
–44.00
–44.50
–45.00
–45.50
–46.00
–46.50
DUALTX Carrier Suppression vs. Frequency
(VCC = 4.0, TXLO = –10dBm Single Sideband Mode,
With Respect to Lower Sideband)
FREQUENCY (MHz)
–47.50
–47.00
820
836
850
–44.50
–45.00
–45.50
–46.00
–47.00
–47.50
DUALTX Sideband Suppression vs. Frequency
(Temperature = 27
°C, TXLO = –10dBm Single
Sideband Mode, With Respect to Lower Sideband)
FREQUENCY (MHz)
820
836
850
–34.00
FREQUENCY (MHz)
DUALTX Sideband Suppression vs Frequency
(VCC = 4.0V, TXLO = –10dBm Single Sideband
Mode, With Respect to Lower Sideband)
–40
27
–40
–41
–42
DUALTX 3rd Order Products vs Temperature
(TXLO = –10dBm, f = 836MHz, 0dB VGA I/Q Inphase)
TEMPERATURE (
°C)
85
0
–30.00
DUALTX Carrier Suppression vs VGA Range
(27
°C, f = 836MHz, TXLO = –10dBm)
VGA 6-BIT WORD VALUE (LSBs)
–35.00
–40.00
–45.00
–50.00
–55.00
2
5
7
10 1315 1820 232526 2933 3740 4448 515559 63
0
–30.00
DUALTX Carrier Suppression vs VGA Range
(VCC = 4.0V, f = 836MHz, TXLO = –10dBm)
VGA 6-BIT WORD VALUE (LSBs)
–35.00
–40.00
–45.00
–50.00
–55.00
25710 13 15 18 20 23 25 26 29 33 37 40 44 48 51 55 59 63
–60.00
VCC = 3.9V
VCC = 4.0V
VCC = 4.5V
–36.00
–38.00
–40.00
–42.00
–44.00
–46.00
–48.00
T = +85
°C
T = +27
°C
T = –45
°C
SR00648
–43.50
–46.50
–37
–38
–39
–34
–35
–36
–33
–32
VCC = –40°C
VCC = 85°C
VCC = 27°C
VCC = 4.5V
VCC = 4.0V
VCC = 3.9V
VCC = –85°C
VCC = –40°C
VCC = 27°C
VCC = 3.9V
VCC = 4.0V
VCC = 4.5V
Figure 13. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com