Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 4Page - NXP Semiconductors SA900 Datasheet HTML 5Page - NXP Semiconductors SA900 Datasheet HTML 6Page - NXP Semiconductors SA900 Datasheet HTML 7Page - NXP Semiconductors SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors SA900 Datasheet HTML 10Page - NXP Semiconductors SA900 Datasheet HTML 11Page - NXP Semiconductors SA900 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
8
AC ELECTRICAL CHARACTERISTICS
VCC = +4.0V, TA = 25°C; TANK_1 = 120MHz @ 0 dBm; XO_REF = 30MHz @ –5 dBm; TxLO2 = –13 dBm, unless otherwise stated.
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input power
-13
-101
dBm
TXLO_1/2
Transmit LO input (AC couple) (50
Ω)
VSWR (50
Ω)
2:1
dBm
Frequency range
900
1040
MHz
TANK_1/2
VCO tank differential inputs
Frequency range
901
120
1401
MHz
PHSOUT
Phase detector charge pump output
Output level
0.5
VCC–0.5
V
I
PHSOUT programming
RSET = 24kΩ, AD=0
200
300
400
µA
IPEAK
PHSOUT programming
RSET = 24kΩ, AD=1
0.9
1.2
1.5
mA
XTAL 1
XO transistor base
XO frequency
101
30
451
MHz
XTAL_1
XO transistor base
External drive
1501
350
5001
mVP-P
CLK1
XO divide 3/1, power down SM1=0, 50%
duty cycle
Frequency range
3.331
30
451
MHz
÷3, X=1, ÷1, X=0
Output level, 5k
Ω || 7pF
0.7
1
1.4
VP-P
CLK2
XO divide 2/1, power down SM2=0
Frequency range
51
30
451
MHz
CLK2
÷2, Y=1, ÷1, Y=0
Output level, 5k
Ω || 7pF
0.7
1
1.4
VP-P
XO divide 4/5/1, 50% duty cycle
Frequency range
21
451
MHz
MCLK
÷4, CLKSET = VCC, ÷5, CLKSET = 0.5VCC,
÷1, CLKSET = 0V
Output level, 5k
Ω || 7pF
0.7
1
1.4
VP-P
Serial data clock input, 33% duty cycle
Max clock rate
101
MHz
CLOCK
Serial interface (CMOS levels)
Logic LOW
0.3VCC1
V
DATA, CLOCK, STROBE, TXEN
Logic HIGH
0.7VCC
V
AMPS output, SE=1, AD=0, TXEN=1 (AC
couple)
Frequency range
820
860
MHz
VSWR
2:1
Output level
–1.5
+2
dBm
869 to 894MHz
-104
dBm
824 to 849MHz
-47
dBc
AMPSTX
Spurious output
2 to 824MHz
-41
dBc
849 to 869MHz
-41
dBc
894MHz to 8.49GHz
-41
dBc
TXLO and harmonics
-21
dBc
Adjacent channel noise power
@30kHz
-95
dBc/Hz
Alternate channel noise power
@60kHz
-101
dBc/Hz
Broadband noise power
869 to 894MHz
-136
dBm/Hz
DUAL output, SE=1, AD=1, TXEN=1 (with
external matching Figure 9)
Frequency range
820
9202
MHz
DUALTX
VSWR
2:1
DUALTX
Output level (avg) (I and Q
quad, 0dB VGA)
0
+2
dBm
Gain flatness
1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com