Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 12Page - NXP Semiconductors SA900 Datasheet HTML 13Page - NXP Semiconductors SA900 Datasheet HTML 14Page - NXP Semiconductors SA900 Datasheet HTML 15Page - NXP Semiconductors SA900 Datasheet HTML 16Page - NXP Semiconductors SA900 Datasheet HTML 17Page - NXP Semiconductors SA900 Datasheet HTML 18Page - NXP Semiconductors SA900 Datasheet HTML 19Page - NXP Semiconductors SA900 Datasheet HTML 20Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
16
PERFORMANCE CHARACTERISTICS
900
970
1040
–16.00
FREQUENCY (MHz)
LO Buffer vs. Frequency (27
°C, TXLO = –10dBm)
–16.50
–17.00
–17.50
–18.00
–18.50
–19.00
900
970
1040
–16.00
FREQUENCY (MHz)
LO Buffer vs. Frequency (VCC = 4.0V, TXLO = –10dBm)
–16.50
–17.00
–17.50
–18.00
–18.50
–19.00
–19.50
–20.00
T = +85
°C
T = +27
°C
T = –45
°C
VCC = 3.9V
VCC = 4.0V
VCC = 4.5V
820
836
860
3.00
FREQUENCY (MHz)
AMPTX vs. Frequency (27
°C, TXLO = –10dBm)
2.80
2.60
2.40
2.20
2.00
1.80
1.60
1.40
1.20
1.00
VCC = 3.9V
VCC = 4.0V
VCC = 4.5V
820
836
860
4.00
FREQUENCY (MHz)
AMPTX vs. Frequency (VCC = 4.0V, TXLO = –10dBm)
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
–0.50
–1.00
820
836
850
2.60
2.40
2.20
FREQUENCY (MHz)
DUALTX vs. Frequency (TEMP 27
°C, TXLO = –10dBm)
820
836
850
3.50
3.00
2.50
2.00
1.50
1.00
0.50
0.00
FREQUENCY (MHz)
DUALTX vs. Frequency (VCC = 4.0V, TXLO = –10dBm)
–40
27
85
72
70
68
66
64
62
60
DUAL ICC vs. Temperature
TEMPERATURE (
°C)
T = +85
°C
T = +27
°C
T = –45
°C
SR00647
2.80
2.00
VCC = 4.5V
VCC = 3.9V
VCC = 4.0V
VCC = 4.5V
VCC = 4.0V
VCC = 3.9V
VCC = –40°C
VCC = 27°C
VCC = 85°C
Figure 12. Performance Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com