Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors SA900 Datasheet HTML 10Page - NXP Semiconductors SA900 Datasheet HTML 11Page - NXP Semiconductors SA900 Datasheet HTML 12Page - NXP Semiconductors SA900 Datasheet HTML 13Page - NXP Semiconductors SA900 Datasheet HTML 14Page - NXP Semiconductors SA900 Datasheet HTML 15Page - NXP Semiconductors SA900 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
12
Table 3.
Power Control
Attenuation (dB)
PC0 (0.6dB)
PC1 (1.3dB)
PC2 (2.5dB)
PC3 (5.0dB)
PC4 (10.0dB)
PC5 (20.0dB)
0
0
0
0
0
0
0
0.6
1
0
0
0
0
0
1.3
0
1
0
0
0
0
1.9
1
1
0
0
0
0
2.5
0
0
1
0
0
0
3.2
1
0
1
0
0
0
3.8
0
1
1
0
0
0
4.4
1
1
1
0
0
0
5.0
0
0
0
1
0
0
5.7
1
0
0
1
0
0
6.3
0
1
0
1
0
0
•
•
•
23.3
1
0
1
0
0
1
•
•
•
39.7
1
1
1
1
1
1
Component
Value
R1
560
Ω
Designator
DUAL Mode
AMPS Mode
R2
1k
Ω
C1
2.2nF
C2
No Load
C3
33pF
560
Ω
5.6k
Ω
2.7
µF
.27
µF
6.8nF
PHSOUT
R2
R1
C1
C2
C3
VCTRL
Typical Filter Network
RSET
15k
Ω
75k
Ω
SR00640
Figure 5. PLL Loop Filter
L1
(AMPS MODULATION)
TANK_1
VCTRL
TANK_2
VCC
C3
C2
C1
VR1
f
VCO [
120MHz
+
1
2
p L1C
C
+ C3 )
1
C1
)
1
C2
)
1
CVRI
*1
C1 = C2 = 33pF
C3 = 12pF
L1 = 82nH
VR1 TOKO KV1470
SR00641
Figure 6. VCO Tank Configuration



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com