Electronic Components Datasheet Search
  English  ▼

X  

SA900 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SA900
Description  I/Q transmit modulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA900 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SA900 Datasheet HTML 5Page - NXP Semiconductors SA900 Datasheet HTML 6Page - NXP Semiconductors SA900 Datasheet HTML 7Page - NXP Semiconductors SA900 Datasheet HTML 8Page - NXP Semiconductors SA900 Datasheet HTML 9Page - NXP Semiconductors SA900 Datasheet HTML 10Page - NXP Semiconductors SA900 Datasheet HTML 11Page - NXP Semiconductors SA900 Datasheet HTML 12Page - NXP Semiconductors SA900 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Preliminary specification
SA900
I/Q transmit modulator
1997 Sept 16
9
AC ELECTRICAL CHARACTERISTICS (continued)
SYMBOL
PARAMETER
TEST CONDITIONS
LIMITS
UNITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
DUALTX
3rd order
-35
-42
dBc
(cont.)
Linearity (0dB VGA, I and Q inphase)
5th order
-55
dBc
7th order
-65
dBc
Carrier suppression (I and Q quadrature)
VGA = 0dB
-35
-45
dBc
Carrier suppression (I and Q quadrature)
VGA = –40dB
-28
-33
dBc
Sideband suppression
I and Q quadrature
-35
-45
dBc
869 to 894MHz
–104
dBm
824 to 849MHz
–47
dBc
Spurious output
2 to 824MHz
–41
dBc
849 to 869MHz
–41
dBc
894MHz to 8.49GHz
–41
dBc
TXLO and harmonics
–21
dBc
Broadband noise (0dB VGA)
869 to 894MHz
–136
dBm/Hz
Broadband noise (0dB VGA)
935 to 960MHz
–136
dBm/Hz
Adjacent channel noise power
@30kHz
–95
dBc/Hz
Alternate channel noise power
@60kHz
–101
dBc/Hz
Max frequency
0.8
21
MHz
Q/Q
Baseband quadrature differential input
Differential modulation level
0.61
0.8
1.01
VP-P
Differential input impedance
101
k
Ω
Max frequency
0.8
21
MHz
I/I
Baseband inphase differential input
Differential modulation level
0.61
0.8
1.01
VP-P
Differential input impedance
10
k
Ω
Buffered TXLO differential outputs (AC
coupled)
Frequency range
900
1040
MHz
VSWR (single-ended)
2:1
LO_1/2
Output impedance
single-ended
50
Ω
_
Output impedance
differential
100
Ω
Output level
single-ended, 50
Ω
50
90
mVP-P
Out ut level
differential, 100
Ω
100
180
mVP-P
NOTES:
1. Guaranteed by design.
2. Needs a different matching component. Max test frequency is 850MHz with test circuit shown in Figure 11.
FUNCTIONAL DESCRIPTION
Dual Mode Operation
The SA900 transmit modulator provides direct single sideband
quadrature modulation of the difference of the TXLO and VCO
frequencies, while providing quadrature LO signals for the I/Q
modulator. The quadrature LO signals are modulated with high
linearity by the baseband inphase (I) and quadrature (Q) signals.
The summed modulator output produces the lower sideband, while
rejecting the upper sideband. The I and Q inputs also provide DC
biasing for the modulator inputs. The summed output of the
modulator goes to a variable gain amplifier (VGA) to control the
output level, it has 40.0dB of attenuation control range, with 0.63dB
steps. The power control function is programmed by means of a
6-bit word (see Table 3). The VGA output drives the power amp
output stage to provide +2dBm average minimum power level (at
0dB power control) into 50
Ω, in conjunction with external matching
components on DUALTX. The AD (AMPS/DUAL) and the SE
(synthesizer enable) bit control the power up/down of the DUAL
mode function. The transition of the TXEN, from low to high turns
on the modulator. The falling edge of the TXEN signal disables the
synthesizer and modulator. The TXLO is a system supplied LO
signal. The SA900 buffers the TXLO signal (LO_1/2) for use with
the system synthesizer (such as the SA7025) to form the system LO
synthesizer loop. The DUAL mode can also be used for AMPS
operation. The AMPS and DUAL mode modulation is generated by
the system DSP IC to provide the required I/Q baseband modulation
for the SA900. The DUAL output provides low broadband noise
output power (so that the receiver sensitivity is not degraded) and
high linearity to meet cellular phone system needs. Table 1 provides
the VGA power control limits.
The SA900 DUALTX output is externally matched with either a shunt
inductor to VCC and a series capacitor or a shunt inductor to VCC
and a series inductor. This matches the DUALTX output to 50
Ω.
Values of the matching components are dependent on PCB layout,
typical values are shown in Figure 9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com