Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 27 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 27 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 23Page - Microchip Technology PD77728 Datasheet HTML 24Page - Microchip Technology PD77728 Datasheet HTML 25Page - Microchip Technology PD77728 Datasheet HTML 26Page - Microchip Technology PD77728 Datasheet HTML 27Page - Microchip Technology PD77728 Datasheet HTML 28Page - Microchip Technology PD77728 Datasheet HTML 29Page - Microchip Technology PD77728 Datasheet HTML 30Page - Microchip Technology PD77728 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
PD77728
Application Information
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 27
• OSS event (bit [1]) in register SUPPLY (registers 0x0A, 0x0B) and Supply Event (bit [7]) in the
Interrupt register (0x00) are set.
• Ports that are on and assigned as corresponding OSS code, are turned off
• Ports that are turned off, set the corresponding Power Good and Power Enable bits in the Power
register (0x10).
• Ports that are not on and assigned with the corresponding OSS code, continue to perform
uninterrupted detection and classification.
The following figure shows the OSS pin Multi-Bit Priority Shutdown mode timing.
Figure 5-6. OSS Pin Multi-Bit Priority Shutdown Mode Timing
TOSS-BIT
25µs
TOSS-BIT
25µs
“0” (IDLE) to “1” to “0”
defines the start bit
3.3V
3 bits of data (each either “1” or “0”)
0V
Priority group ports are ON
ON
OFF
TOSS-BIT
25µs
TOSS-BIT
25µs
TOSS-OFF
TOSS-IDLE
TOSS-BIT
25µs
Priority group ports are OFF
The following table lists the OSS Pin Multi-Bit Priority Shutdown mode parameters.
Table 5-3. OSS Pin Multi-Bit Priority Shutdown Mode Parameters
Parameter
Description
Min.
Typ.
Max.
Unit
TBIT-OSS
OSS bit period
24
25
26
µs
TOSS-OFF
Time between receiving shutdown code
and shutting down of ports.
1
—
50
µs
TOSS-IDLE
Idle time between consecutive shutdown
code transmission in the Multi-Bit mode.
—
50
—
µs
Notes: 
• If only one of the IC’s addresses is configured to multi-bit, then the configuration is applied on
both sub-chips.
• There is no support for single bit and multi bit on the same IC.
• In the Multi-Bit Priority mode, if OSS I/O has changed but a valid start-bit is not detected, then the
OSS event is discarded.
• OSS priority table is rebuilt every 3 ms. Therefore, it might take up to 3 ms for a new
configuration to take place.
• The OSS priority table is locked against changes during an OSS event.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com