Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 16 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 12Page - Microchip Technology PD77728 Datasheet HTML 13Page - Microchip Technology PD77728 Datasheet HTML 14Page - Microchip Technology PD77728 Datasheet HTML 15Page - Microchip Technology PD77728 Datasheet HTML 16Page - Microchip Technology PD77728 Datasheet HTML 17Page - Microchip Technology PD77728 Datasheet HTML 18Page - Microchip Technology PD77728 Datasheet HTML 19Page - Microchip Technology PD77728 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 44 page
background image
PD77728
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 16
Table 3-15. I2C
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
I2C SCL clock
frequency
fSCL
Standard, Fast, and Fast Plus modes are
supported.
—
—
1
MHz
Table 3-16. External Current Reference Resistor IREF
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
IREF resistor
value
IREF
External 0402 reference resistor value
—
10
—
kΩ
IREF%
External 0402 reference resistor accuracy
–0.1
—
0.1
%
IREF_TEMPCO
Resistor temperature coefficient
—
25
50
ppm/°C
Table 3-17. I/O Characteristics
Symbol Parameter
Conditions
Min.
Typ.
Max.
Units
RPULL
Internal Pull-up/Pull-down resistance
—
20
40
60
kΩ
VIL
Input low-level voltage
VDD = 3.0V–3.6V
—
—
0.3 × VDD V
VIH
Input high-level voltage
VDD = 3.0V–3.6V
0.55 × VDD —
—
VOL
Output low-level voltage
VDD > 3.0V, IOL maxI
—
0.1 × VDD 0.2 × VDD
VOH
Output high-level voltage
VDD > 3.0V, IOH maxII
0.8 × VDD
0.9 × VDD —
IOL
Output low-level current
VDD = 3V–3.63V
—
—
10
mA
IOH
Output high-level current
VDD = 3V–3.63V
—
—
7
mA
tRISE
Rise time1
load = 20 pF, VDD = 3.3V
—
—
15
ns
tFALL
Fall time1
load = 20 pF, VDD = 3.3V
—
—
15
ns
ILEAK
Input leakage current
Pull-up resistors disabled
−1
±0.015
1
μA
Note: 
1. These values are based on simulation. These values are not covered by test limits in production
or characterization.
Table 3-18. I2C Pins Characteristics in I2C Configuration
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VIL
Input low-level voltage
VDD = 3.0V–3.6V
—
—
0.3 × VDD
V
VIH
Input high-level voltage
VDD = 3.0V–3.6V
0.55 × VDD
—
—
VHYS
Hysteresis of Schmitt trigger inputs
0.08 × VDD
—
—
VOL
Output low-level voltage
VDD > 3.0V, IOL = 3 mA
—
—
0.4
IOL
Output low-level current
VOL = 0.4V
Fast Mode Plus
20
—
—
mA
fSCL
SCL clock frequency
—
—
400
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com