Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 11 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 11 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 7Page - Microchip Technology PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology PD77728 Datasheet HTML 10Page - Microchip Technology PD77728 Datasheet HTML 11Page - Microchip Technology PD77728 Datasheet HTML 12Page - Microchip Technology PD77728 Datasheet HTML 13Page - Microchip Technology PD77728 Datasheet HTML 14Page - Microchip Technology PD77728 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
PD77728
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 11
3.
Electrical Specifications
This section describes the electrical specifications of the device.
3.1
Absolute Maximum Ratings
PoE performance is not guaranteed when it exceeds the recommended rating. Exposure to any
stress in the range between the recommended rating and the absolute maximum rating must be
limited to a short time. Exceeding these ratings might impact long-term operating reliability. The
following table lists the absolute maximum ratings.
Table 3-1. Absolute Maximum Ratings
Parameter
Minimum
Maximum
Unit
VDD
–0.3
3.8
V
VDDA
–0.3
3.8
V
VDDA to VDD
–0.3
0.3
V
VMAIN
–0.3
80
V
VMAIN_7, VMAIN_36
VMAIN
80
V
MarkHold FET is OFF
0
VMAIN
V
PORT_NEGx to AGND
–0.3
Lower of VMAIN_x + 0.5 or 80
V
DGND to AGND
–0.3
0.3
V
Digital I/O
–0.3
3.6
V
AUTO
–0.3
Lower of VDDA + 0.3 or 3.8
V
Junction Temperature
–40
Self Protected
°C
Storage
–55
150
°C
Solder 10 Seconds
—
260
°C
3.2
Immunity
The following tables list the device immunity.
Table 3-2. ESD
Model
Pins
Minimum Rating
Test Method
Human Body Model (HBM)
All
±2000V
JS-001-2017
Charge Device Model (CDM)
All
±1000V
JESD22-C101F
Table 3-3. Surge Protection
Standard
Application
Minimum Rating
IEC61000-4-5 Ed3
Common mode
1 kV, 2 kV, 4 kV, 6 kV, and 10 kV
ITU-T K.21 2019
Common mode
2.5 kV, 4 kV, and 6 kV
Differential mode
2.5 kV and 6 kV
EN55024 2010
Common mode
1 kV and 4 kV
GR1089 Issue 6
Common mode
1 kV and 2.5 kV
Differential mode
1 kV
Note: Device meets 2 kV per IEC-61000-4-5 without need for additional surge protection
components. Consult Microchip for recommended protection circuitry for enhanced surge
capability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com