Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 8 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 8 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 4Page - Microchip Technology PD77728 Datasheet HTML 5Page - Microchip Technology PD77728 Datasheet HTML 6Page - Microchip Technology PD77728 Datasheet HTML 7Page - Microchip Technology PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology PD77728 Datasheet HTML 10Page - Microchip Technology PD77728 Datasheet HTML 11Page - Microchip Technology PD77728 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
PD77728
Functional Descriptions
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 8
1.6.2
Short-Circuit Protection
If the port enters the current limit and the port voltage (VPORT) drops below a configurable value, the
port is considered to be in a short-circuit condition. In this case, the port is turned off within 100
µs (typical) to minimize the power dissipation on the MOSFET during such a harsh condition. The
voltage below which the port is considered to be in a short-circuit condition is also configurable.
1.6.3
Inrush (Power-Up) Protection
During the port inrush phase, the PD capacitor is charged with a constant current for up to 75 ms. If
the PD is not limiting the current, the PSE uses its current limit to limit the capacitor inrush current
(for most cases, ILIM is 0.425A). Inrush current is also configurable. A failed PD capacitor, or too large
a capacitor value, might result in either a true short-circuit condition on the port during inrush (leads
to very high-power dissipation, equal to 0.425A × VMAIN), or a very high-power dissipation due to
the slow increase in the capacitor voltage. A dedicated inrush protection mechanism is provided to
protect the device from such events, assuring that the port’s MOSFET does not exceed its SOA under
any condition.
1.6.4
Over-Temperature (OVT) Protection
OVT protection adds an additional layer of protection to the device, and protects the device from
overheating and damaging in parallel to the other protection mechanisms. An example for OVT
protection is a slow increase in ambient temperature (for example, a failed fan), resulting in an
elevated junction temperature which exceeds the maximum operating junction temperature. In this
case, the OVT real-time protection either limits the number of ports that can be turned on at such
temperature, or turns off the port (s) with the highest junction temperature.
1.6.5
TCUT/ICUT Protection
The firmware selects TCUT and ICUT threshold levels based on the assigned class. The port is turned
off if the port current exceeds ICUT for a cumulative time of TCUT (typical 65 ms). Both TCUT and ICUT
values are configurable.
1.6.6
Maintain Power Signature (MPS)
Although this condition does not endanger the PSE device, the MPS signature is required to keep a
PD powered and to disconnect its power if PD is removed. The PD77728 device incorporates MPS
protection, in which the port is turned off if the PD current does not comply with the required hold
current and time, as defined in the IEEE 802.3bt standard. Both the hold current (IHOLD/IHOLD-2P) and
the duration (TMPS, TMPDO) are configurable parameters.
1.7
Over Supply Shutdown (OSS)
OSS is a control pin required to turn off ports of a certain priority due to failure in one of the power
supplies. A dedicated, fast shut-down bus is located between the PoE controller and the digital block
to allow fast shut-down response to the OSS signal. Both 1-bit signal priority and 3-bit signal priority
are supported.
1.8
VMAIN Under-Voltage Lockout (VMAIN_UVLO)
VMAIN under-voltage lockout (VMAIN_UVLO) turns off ports when VMAIN drops below a set threshold.
1.9
Surge
The PD77728 device supports up to 2 kV per IEC-61000-4-5-2014 without external protection
components.
For a higher level of surge, request
AN4813 Surge Protection for Systems Based on PD777xx 8-Port
PSE PoE Manager Application note.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com