Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 14 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 14 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 10Page - Microchip Technology PD77728 Datasheet HTML 11Page - Microchip Technology PD77728 Datasheet HTML 12Page - Microchip Technology PD77728 Datasheet HTML 13Page - Microchip Technology PD77728 Datasheet HTML 14Page - Microchip Technology PD77728 Datasheet HTML 15Page - Microchip Technology PD77728 Datasheet HTML 16Page - Microchip Technology PD77728 Datasheet HTML 17Page - Microchip Technology PD77728 Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
PD77728
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 14
Table 3-7. Current Limit (ILIM)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Port current limit
ILIM
Class 0–Class 3, 2-pair single signature
—
0.720
—
A
Class 4, 2-pair single signature
—
0.850
—
A
Class 4, 4-pair dual signature
—
0.850
—
A
Class 5, 4-pair single signature
—
0.850
—
A
Class 6, 4-pair single signature
—
0.890
—
A
Class 7, 4-pair single signature
—
1.000
—
A
Class 8, 4-pair single signature
Class 5, 4-pair dual signature
—
1.200
—
A
Inrush current limit
IINRUSH_B
ILIM setting ILIM_2P_B
0.400
0.425
0.450
A
Table 3-8. Power Accuracy
Parameter
Conditions
Min.
Typ.
Max.
Single port (2 pairs) power accuracy
Port power: 5W to 15W
−5.0%
—
5.0%
Port power: 15W to 55W
−2.5%
—
2.5%
2 ports (4 pairs) power accuracy
Total 4-pair power: 5W to 30W
−5.0%
—
5.0%
Total 4-pair power: 30W to 100W
−2.5%
—
2.5%
Table 3-9. Detection and Connection Check
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Accept signature resistance
RDET
—
17
25
29
kΩ
Accept signature capacitance
CDET
—
—
—
0.15
µF
Reject signature resistance (low)
RREJ
—
—
—
15
kΩ
Reject signature resistance (high)
RREJ
—
33
—
—
kΩ
Reject signature capacitance
CREJ
—
10
—
—
µF
Detection open circuit resistance
ROC
—
0.5
—
—
MΩ
Valid detection test voltage
VVALID
—
2.8
—
10
V
Detection open circuit voltage
VOC
—
—
—
30
V
Total detection timing
TDET
—
—
—
400
ms
Table 3-10. Classification
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Measured ICLASS at PSE
ICLASS
Class Signature 0
0
—
5
mA
Class Signature 1
8
—
13
mA
Class Signature 2
16
—
21
mA
Class Signature 3
25
—
31
mA
Class Signature 4
35
—
45
mA
Table 3-11. Real-Time Protection
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Short Circuit
Protection (SCP)
disconnection
time
TSCP
Port in current limit,
VPORT < 40V, no bouncing
—
100
—
µs
Overload
protection (TLIM)
TLIM_2P
Port in current limit, VPORT ≥ 40V
Class 1 to Class 6
—
11
—
ms
Port in current limit, VPORT ≥ 40V
Class 7 and Class 8
—
7
—
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com