Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 7 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 7 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 3Page - Microchip Technology PD77728 Datasheet HTML 4Page - Microchip Technology PD77728 Datasheet HTML 5Page - Microchip Technology PD77728 Datasheet HTML 6Page - Microchip Technology PD77728 Datasheet HTML 7Page - Microchip Technology PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology PD77728 Datasheet HTML 10Page - Microchip Technology PD77728 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
PD77728
Functional Descriptions
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 7
1.3
Digital Processing and Control Block
The digital block communicates with the integrated PoE controller and controls the analog front-end
block. It consists of the following blocks:
• Ports ON/OFF control block
• ILIM and ICLASS control blocks
• IINRUSH control and protection block
• Detection and RPORT control block
• Port voltage and temperature measurement post-processing module
• Port current post-processing module
• RTP module
1.4
PoE Controller
The integrated PoE controller controls both port-level and device-level PoE tasks. The firmware is
pre-programmed into the integrated controller with field-upgradable capability through the I2C host
interface.
The integrated PoE controller provides the following features:
• Host communication interface (Fast-Mode Plus I2C interface, INT_OUT signal)
• OSS fast shut-down control
• Device-level data processing
• Supports PoE firmware download capability from host
• Manages one device 2p and 4p ports configuration
• Device-Level power budgeting and power assignment
1.5
Power
The PD77728 device is designed for low power consumption and low power dissipation, using
cutting-edge process technology and proprietary port’s MOSFET design.
The following two parameters allow a total power dissipation of equal to or less than 2W at TJ = 125
°C:
• Very low channel (port) resistance (typically, 160 mΩ at 25 °C)
• Very low VMAIN quiescent current
The PD77728 device supports any power rail sequencing of the VMAIN and VDD rails.
1.6
Real-Time Protection (RTP)
This section describes the RTP blocks included in the PD77728 device. The device supports multi-
level and real-time support mechanisms. All RTP mechanisms are configured by the PoE controller,
implemented in the digital domain, and directly control the port analog front-end. Each port has its
own RTP protection blocks. This type of design ensures fast-acting protection under all conditions.
1.6.1
Current Overload (TLIM/ILIM) Protection
The configurable ILIM and TLIM parameters are based on the IEEE 802.3bt standard. TLIM and ILIM
threshold levels are selected by firmware based on the assigned class. The port shuts down if it
enters current limit (ILIM) and maintains ILIM for a period of TLIM. Current overload RTP also protects
against repetitive overload conditions, where the port repetitively enters current limit for a duration
less than TLIM, which might result in a device damage due to accumulated overheating. The PD77728
overload protection mechanism disconnects the port if the accumulated power poses danger to the
Safe Operating Area (SOA) of the MOSFET.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com