Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 12 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 12 Page - Microchip Technology

Back Button PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology PD77728 Datasheet HTML 10Page - Microchip Technology PD77728 Datasheet HTML 11Page - Microchip Technology PD77728 Datasheet HTML 12Page - Microchip Technology PD77728 Datasheet HTML 13Page - Microchip Technology PD77728 Datasheet HTML 14Page - Microchip Technology PD77728 Datasheet HTML 15Page - Microchip Technology PD77728 Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
PD77728
Electrical Specifications
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 12
3.3
Recommended Operating Conditions
The following table lists the recommended operating conditions.
Table 3-4. Recommended Operating Conditions
Parameter
Conditions
Min.
Typ.
Max.
Units
Junction temperature
—
–40
—
125
°C
Ambient temperature
—
–40
—
85
°C
VMAIN
Type 1: Reference to AGND
44
—
57
V
Type 2, 3: Reference to AGND
50
—
57
V
Type 4: Reference to AGND
52
—
57
V
VMAIN_7/VMAIN_36
Reference to AGND
—
VMAIN
—
V
VMAIN slew rate
VMAIN = 0V to 57V
VDD may be either present or absent
—
—
1.0
V/µs
VDD
Reference to DGND
3.0
3.3
3.6
V
VDDA
Reference to AGND
3.0
3.3
3.6
V
DGND–AGND voltage difference
—
–0.3
—
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com