Electronic Components Datasheet Search
  English  ▼

X  

PD77728 Datasheet(PDF) 1 Page - Microchip Technology

Part # PD77728
Description  8-Port PoE PSE Manager
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PD77728 Datasheet(HTML) 1 Page - Microchip Technology

  PD77728 Datasheet HTML 1Page - Microchip Technology PD77728 Datasheet HTML 2Page - Microchip Technology PD77728 Datasheet HTML 3Page - Microchip Technology PD77728 Datasheet HTML 4Page - Microchip Technology PD77728 Datasheet HTML 5Page - Microchip Technology PD77728 Datasheet HTML 6Page - Microchip Technology PD77728 Datasheet HTML 7Page - Microchip Technology PD77728 Datasheet HTML 8Page - Microchip Technology PD77728 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
 Data Sheet
© 2024 Microchip Technology Inc. and its subsidiaries
DS00003920E - 1
Introduction
The PD77728 device is a part of Microchip’s seventh generation IEEE
® 802.3bt compliant Power over Ethernet
(PoE) Power Sourcing Equipment (PSE) family. This device is a fully integrated 8-port PoE manager with
integrated Field Effect Transistor (FET) switches and current sense resistors. Up to 12 devices can be cascaded
to provide 48 4-pair ports. The device is available in a 56-pin 8 mm × 8 mm QFN package.
The following figure shows the typical PoE application of the PD77728 device.
Figure 1. Typical PoE Application
GND
VDD
SDA
Control
SCL
POE_RESET
INTERRUPT
Isolation
Barrier
SDIO
SCLIO
RESET_IN_N
OSS
IREF
DGND
AGND
VDD
VDDA
VMAIN
PD77728
PoE Manager
VMAIN
VMAIN
PORT_NEG0
PORT_NEG7
ISO_3V3
ISO_GND
POE_ 3V3
POE_ 3V3
VMAIN
Up to 12 Devices
ISO_GND
POE_AGND
POE_DGND
I
2C
Isolation
I
2C
Isolation
Isolation
8-Port PoE PSE Manager
PD77728


Similar Part No. - PD77728

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD77016GM-KMD RENESAS-PD77016GM-KMD Datasheet
445Kb / 58P
MOS INTEGRATED CIRCUIT
1995
logo
Microchip Technology
PD77020 MICROCHIP-PD77020 Datasheet
659Kb / 20P
PoE PSE Power Management Controller
Rev. A Date 08/2023
logo
Renesas Technology Corp
PD77210 RENESAS-PD77210_15 Datasheet
575Kb / 76P
16-BIT FIXED-POINT DIGITAL SIGNAL PROCESSOR
PD77630A RENESAS-PD77630A_15 Datasheet
1Mb / 68P
MULTIMEDIA PROCESSOR FOR MOBILE APPLICATIONS
More results

Similar Description - PD77728

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PD64004A ETC2-PD64004A Datasheet
156Kb / 1P
4-port PoE PSE Manager
logo
Microsemi Corporation
PD64012G MICROSEMI-PD64012G Datasheet
55Kb / 1P
12-PORT PoE PSE MANAGER
PD64004AH MICROSEMI-PD64004AH Datasheet
51Kb / 1P
4-PORT HPoE PSE MANAGER
PD64012GH MICROSEMI-PD64012GH Datasheet
55Kb / 1P
12-PORT HPoE PSE MANAGER
logo
Linear Technology
LTC4290 LINER-LTC4290 Datasheet
336Kb / 32P
8-Port PoE/PoE PSE Controller
LTC4290 LINER-LTC4290_15 Datasheet
413Kb / 32P
8-Port PoE/PoE/LTPoE PSE Controller
logo
Microsemi Corporation
PD69108 MICROSEMI-PD69108 Datasheet
898Kb / 17P
8 PORTS PSE POE MANAGER
logo
Microchip Technology
PD69201 MICROCHIP-PD69201 Datasheet
483Kb / 29P
1-Port PSE PoE Manager
2021
PD39208 MICROCHIP-PD39208 Datasheet
1Mb / 34P
PoE PSE Manager
2020
PD69208T4 MICROCHIP-PD69208T4 Datasheet
1Mb / 35P
PoE PSE Manager
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com