Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 4 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 4 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Analog Devices
Timekeeping
A 32.768kHz crystal oscillator is used as the time base for the real-time clock counter. The oscillator can
be turned on or off under software control. The oscillator must be on for the real-time clock to function.
The real-time clock counter is double buffered. This allows the controller to read time without the data
changing while it is being read. To accomplish this, a snapshot of the counter data is transferred to a
read/write buffer, which the user accesses.
Device Control Byte
The on/off control of the 32.768kHz crystal oscillator is done through the device control byte. This byte
can be read and written through the Clock Function commands.
Device Control Byte
7
6
5
4
3
2
1
0
U4
U3
U2
U1
OSC
OSC
0
0
Bit 0 - 1
0
No function
Bits 0 and 1 are hard-wired to read all 0’s.
Bit 2 - 3
OSC
Oscillator Enable/Disable
These bits control/report whether the 32.768 kHz crystal oscillator is running. If the oscillator is running,
both OSC bits will read 1. If the oscillator is turned off these bits will all read 0. When writing the device
control byte both occurrences of the OSC bit should have identical data. Otherwise, the value in bit
address 3 (bold) takes precedence.
Bit 4 - 7
Un
General-purpose user flags
These nonvolatile bits have no particular function within the chip. They can be read and written under the
control of the application software.
Real-Time Clock
The real-time clock is a 32-bit binary counter. It is incremented once per second. The real-time clock can
accumulate 136 years of seconds before rolling over. Time/date is represented by the number of seconds
since a reference point, which is determined by the user. For example, 12:00 a.m., January 1, 1970 could
be a reference point.
Clock Function Commands
The “Clock Function Flow Chart” (Figure 5) describes the protocols necessary for accessing the real-time
clock. With only four bytes of real-time clock and one control byte the DS1904 does not provide random
access. Reading and writing always starts with the device control byte followed by the least significant
byte of the time data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com