Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 5 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 5 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
Analog Devices
Clock Function Command Flow Chart Figure 5
Read Clock [66h]
The read clock command is used to read the device control byte and the contents of the real-time clock
counter. After having received the most significant bit of the command code the device copies the actual
contents of the real-time clock counter to the read/write buffer. Now the bus controller reads data
beginning with the device control byte followed by the least significant byte through the most significant
byte of the real-time clock. After this the bus controller may continue reading from the DS1904. The data
received will be the same as in the first pass through the command flow. The read clock command can
be ended at any point by issuing a Reset Pulse.
CONTROLLER Tx CONTROL
FUNCTION COMMAND
66h
READ CLOCK?
BUS CONTROLLER Rx
DEVICE CONTROL BYTE
DS1904 COPIES RTC
COUNTER TO R/W BUFFER
BUS
CONTROLLER Tx
RESET?
Y
N
Y
N
99h
WRITE CLOCK?
BUS CONTROLLER Tx
DEVICE CONTROL BYTE
BUS CONTROLLER Tx
LS BYTE (7:0)
BUS CONTROLLER Tx
NEXT BYTE (15:8)
BUS CONTROLLER Tx
NEXT BYTE (23:16)
BUS
CONTROLLER Tx
RESET?
N
Y
DS1904 COPIES R/W
BUFFER TO RTC
COUNTER
DS1904 Tx PRESENCE
PULSE
N
Y
N
BUS CONTROLLER Tx
NEXT BYTE (31:24)
BUS CONTROLLER Rx
LS BYTE (7:0)
BUS CONTROLLER Rx
NEXT BYTE (23:16)
BUS CONTROLLER Rx
NEXT BYTE (15:8)
BUS CONTROLLER Rx
NEXT BYTE (31:24)
BUS
CONTROLLER Tx
RESET?
N
Y
N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com