Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 6 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 6 Page - Analog Devices

Back Button DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
Analog Devices
Write Clock [99h]
The write clock command is used to set the real-time clock counter and to write the device control byte.
After issuing the command, the bus controller writes first the device control byte, which becomes
immediately effective. After this the bus controller sends the least significant byte through the most
significant byte to be written to the real-time clock counter. The new time data is copied from the
read/write buffer to the real-time clock counter and becomes effective as the bus controller generates a
reset pulse. If the oscillator is intentionally stopped, the real-time clock counter behaves as a four-byte
nonvolatile memory.
1-Wire Bus System
The 1-Wire bus is a system, which has a single bus controller and one or more peripherals. In all instances
the DS1904 is a peripheral device. The bus controller is typically a microcontroller. The discussion of this
bus system is broken down into three topics: hardware configuration, transaction sequence, and 1-Wire
signaling (signal types and timing). A 1-Wire protocol defines bus transactions in terms of the bus state
during specified time slots that are initiated on the falling edge of sync pulses from the bus controller. For
a more detailed protocol description, refer to Chapter 4 of the Book of iButton® Standards.
Hardware Configuration Figure 6
Hardware Configuration
The 1-Wire bus has only a single line by definition; it is important that each device on the bus be able to
drive it at the appropriate time. To facilitate this, each device attached to the 1-Wire bus must have open-
drain or three-state outputs. The 1-Wire input of the DS1904 is open drain with an internal circuit
equivalent to that shown in Figure 6. A multidrop bus consists of a 1-Wire bus with multiple peripherals
attached. The 1-Wire bus has a maximum data rate of 16.3kbits per second and requires a pull-up resistor
of approximately 5kΩ.
The idle state for the 1-Wire bus is high. If for any reason a transaction needs to be suspended, the bus
must be left in the idle state if the transaction is to resume. If this does not occur and the bus is left low
for more than 120μs, one or more of the devices on the bus may be reset. Since the DS1904 gets all its
energy for operation through its VDD pin it will not perform a power-on reset if the 1-Wire bus is low for
an extended time period.
Transaction Sequence
The protocol for accessing the DS1904 via the 1-Wire port is as follows:
•
Initialization
•
ROM Function Command
•
Clock Function Command
BUS CONTROLLER
DS1904 1-Wire PORT
OPEN-DRAIN
PORT PIN
Rx = RECEIVE
Tx = TRANSMIT
Rx
Tx
VPUP
Rx
Tx
5µA,
TYP
100Ω
MOSFET
DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com