Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 1 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 1 Page - Analog Devices

  DS9101 Datasheet HTML 1Page - Analog Devices DS9101 Datasheet HTML 2Page - Analog Devices DS9101 Datasheet HTML 3Page - Analog Devices DS9101 Datasheet HTML 4Page - Analog Devices DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
DS1904
RTC iButton
19-4864; Rev 11/23
1
Analog Devices
Special Features
•
Real-time clock/calendar in binary format
•
Uses the same binary time/date
representation as the DS1994 but with
1 second resolution
•
Clock accuracy is better than ±2 minutes per
month at +25°C
•
Operating temperature range from -40°C to
+85°C
•
Over 10 years of operation
Common iButton Features
•
Unique, factory-lasered and tested 64-bit
registration number (8-bit family code +
48-bit serial number + 8-bit CRC tester)
assures absolute traceability because no two
parts are alike
•
Multidrop controller for MicroLAN
•
Digital identification and information by
momentary contact
•
Chip-based data carrier compactly stores
information
•
Data can be accessed while affixed to object
•
Economically communicates to host with a
single digital signal at 16.3kbps
•
Standard 16mm diameter and 1-Wire®
protocol ensure compatibility with iButton®
device family
•
Button shape is self-aligning with cup-shaped
probes
•
Durable stainless steel case engraved with
registration number withstands harsh
environments
•
Easily affixed with self-stick adhesive backing,
latched by its flange, or locked with a ring
pressed onto its rim
•
Presence detector acknowledges when
reader first applies voltage
1-Wire and iButton are registered trademarks of Maxim Integrated Products,
Inc.
F5 MicroCan
All dimensions are shown in millimeters.
Ordering Information
PART
PIN-PACKAGE
DS1904L-F5#
F5 MicroCan
DS1904L-F5+
F5 MicroCan
#Denotes a RoHS-compliant device that may include lead(Pb) that
is exempt under the RoHS requirements.
+Denotes a lead(Pb)-free/RoHS-compliant package.
Examples of Accessories
DS9096P
Self-Stick Adhesive Pad
DS9101
Multi-Purpose Clip
DS9093RA
Mounting Lock Ring
DS9093A
Snap-In Fob
DS9092
iButton Probe


Similar Part No. - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS9101 DALLAS-DS9101 Datasheet
72Kb / 12P
RTC iButton
DS9101 DALLAS-DS9101 Datasheet
729Kb / 22P
Temperature iButton
logo
Maxim Integrated Produc...
DS9101 MAXIM-DS9101 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS9101 MAXIM-DS9101 Datasheet
675Kb / 42P
Logs Up to 2048 Consecutive Temperature Thermochron iButton
Rev 4; 4/11
DS9101 MAXIM-DS9101 Datasheet
649Kb / 55P
Hygrochron Temperature/Humidity Logger
Rev 4; 4/11
More results

Similar Description - DS9101

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1904 DALLAS-DS1904 Datasheet
72Kb / 12P
RTC iButton
DS1425 DALLAS-DS1425 Datasheet
19Kb / 2P
Multi iButton
DS1963S DALLAS-DS1963S Datasheet
349Kb / 37P
SHA iButton
DS1921G DALLAS-DS1921G Datasheet
497Kb / 45P
Thermochron iButton
logo
Maxim Integrated Produc...
DS9107 MAXIM-DS9107 Datasheet
143Kb / 3P
iButton Capsule
11/09
DS1904 MAXIM-DS1904_11 Datasheet
139Kb / 12P
Real-Time Clock/calendar in binary format RTC iButton Over 10 years of operation
Rev 4/11
DS1921G MAXIM-DS1921G_12 Datasheet
484Kb / 42P
Thermochron iButton
Rev 6; 3/12
DS9092GT MAXIM-DS9092GT Datasheet
167Kb / 3P
iButton Probe
8/09
DS1920 MAXIM-DS1920 Datasheet
531Kb / 22P
Temperature iButton
Rev 8/09
DS9092 MAXIM-DS9092 Datasheet
274Kb / 3P
iButton Probe
8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com