Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 12 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 12 Page - Analog Devices

Back Button DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices DS9101 Datasheet HTML 11Page - Analog Devices DS9101 Datasheet HTML 12Page - Analog Devices DS9101 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Analog Devices
Note 2:
VPUP = external pull-up voltage; see Figure 6.
Note 3:
Under certain low voltage conditions VIL1MAX may have to be reduced to as much as 0.5V to always
guarantee a presence pulse.
Note 4:
Input load is to ground.
Note 5:
Guaranteed by design; not production tested.
Note 6:
The controller must read while the data is valid.
Note 7:
Read data setup time refers to the time the host must pull the 1-Wire bus low to read a bit. Data is
guaranteed to be valid within 1μs of this falling edge.
Note 8:
The reset low time (tRSTL) should be restricted to a maximum of 960µs to allow interrupt signaling,
otherwise it could mask or conceal interrupt pulses.
Note 9:
This specification applies if the 1-Wire is idle (high or low). Communication on the 1-Wire may
adversely affect the accuracy of the device. For highest accuracy, connect the DS1904 to a separate
1-Wire port and limit the access to the minimum acceptable by the application.
Product Lifetime vs. Temperature
Package Information
For the latest package outline information and land patterns (footprints), go to the
Package Index on the Analog Devices
website. Note that a “+”, “#”, or “-” in the package code indicates RoHS status only. Package drawings may show a different
suffix character, but the drawing pertains to the package regardless of RoHS status.
PACKAGE TYPE
PACKAGE CODE
OUTLINE NO.
LAND PATTERN NO.
F5 iButton
IB#5CB
21-0266
—
F5 iButton
IB+5CB
21-0266
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com