Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 9 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 9 Page - Analog Devices

Back Button DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices DS9101 Datasheet HTML 11Page - Analog Devices DS9101 Datasheet HTML 12Page - Analog Devices DS9101 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Analog Devices
Skip ROM [CCh]
This command can save time in a single drop bus system by allowing the bus controller to access the
clock functions without providing the 64-bit ROM code. If more than one peripheral is present on the bus
and, for example, a read command is issued following the Skip ROM command, data collision will occur
on the bus as multiple peripherals transmit simultaneously (open drain pull-downs will produce a wired-
AND result).
1-Wire Signaling
The DS1904 requires strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: Reset Sequence with Reset Pulse and Presence Pulse, Write 0, Write 1, and Read
Data. Except for the presence pulse, the bus controller initiates all of these signals.
The initialization sequence required to begin any communication with the DS1904 is shown in Figure 8.
A reset pulse followed by a presence pulse indicates the DS1904 is ready to send or receive data. The
bus controller transmits (Tx) a reset pulse (tRSTL, minimum 480μs). The bus peripheral then releases the
line and goes into receive mode (Rx). The 1-Wire bus is pulled to a high state via the pull-up resistor.
After detecting the rising edge on the data line, the DS1904 waits (tPDH, 15-60μs) and then transmits the
presence pulse (tPDL, 60-240μs).
Initialization Procedure “Reset and Presence Pulses” Figure 8
Read/Write Time Slots
The definitions of write and read time slots are illustrated in Figure 9. The controller initiates all time slots
by driving the data line low. The falling edge of the data line synchronizes the DS1904 to the controller
by triggering an internal delay circuit. During write time slots, the delay circuit determines when the
DS1904 will sample the data line. For a read data time slot, if a “0” is to be transmitted, the delay circuit
determines how long the DS1904 will hold the data line low. If the data bit is a “1”, the DS1904 will not
hold the data line low at all.
VPULLUPMIN
CONTROLLER RX “PRESENCE PULSE”
VPULLUP
VIHMIN
VILMAX
0V
CONTROLLER TX
“RESET PULSE”
tRSTL
tRSTH
480µs < tRSTL < ∞*
480µs < tRSTH < ∞**
15µs < tPDH < 60µs
60µs < tPDL < 240µs
CONTROLLER
DS1904
RESISTOR
tPDH
tR
tPDL
* IN ORDER NOT TO MASK INTERRUPT SIGNALING BY OTHER DEVICES ON THE 1-Wire BUS, tRSTL + tR SHOULD
ALWAYS BE LESS THAN 960µs.
** INCLUDES RECOVERY TIME



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com