Electronic Components Datasheet Search
  English  ▼

X  

DS9101 Datasheet(PDF) 11 Page - Analog Devices

Part # DS9101
Description  RTC iButton
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DS9101 Datasheet(HTML) 11 Page - Analog Devices

Back Button DS9101 Datasheet HTML 5Page - Analog Devices DS9101 Datasheet HTML 6Page - Analog Devices DS9101 Datasheet HTML 7Page - Analog Devices DS9101 Datasheet HTML 8Page - Analog Devices DS9101 Datasheet HTML 9Page - Analog Devices DS9101 Datasheet HTML 10Page - Analog Devices DS9101 Datasheet HTML 11Page - Analog Devices DS9101 Datasheet HTML 12Page - Analog Devices DS9101 Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
Analog Devices
Physical Specification
Size
See mechanical drawing
Weight
3.3g
Expected Service Life
See Lifetime Graph
Absolute Maximum Ratings
Voltage Range on 1-Wire to Ground .................................................................................................... -0.5V to +7.0V
Operating Temperature Range...........................................................................................................-40°C to +85°C*
Storage Temperature Range............................................................................................................-55°C to +125°C*
*Storage or operation above +50°C significantly reduces battery life.
This is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operation sections
of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods of time may affect reliability.
DC Electrical Characteristics
(TA = -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
1-Wire Pull-up Voltage
VPUP
2.8
6.0
V
1, 2
Logic 1
VIH
2.2
6.0
V
1
Logic 0
VIL
-0.3
0.8
V
1, 3
Output Logic Low at 4mA
VOL
0.4
V
1
Input Load Current
IL
5
µA
4
Capacitance
(TA = +25°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Capacitance 1-Wire
CIN
50
pF
5
AC Electrical Characteristics
(VPUP = 2.8V to 6.0V, TA = -40°C to +85°C)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
NOTES
Time Slot
tSLOT
60
120
µs
Write 1 Low Time
tLOW1
1
15
µs
Write 0 Low Time
tLOW0
60
120
µs
Read Low Time
tLOWR
1
15
µs
Read Data Valid
tRDV
exactly 15
µs
6
Release Time
tRELEASE
0
15
45
µs
Read Data Setup
tSU
1
µs
7
Recovery Time
tREC
1
µs
Reset High Time
tRSTH
480
µs
Reset Low Time
tRSTL
480
960
µs
8
Presence Detect High
tPDH
15
60
µs
Presence Detect Low
tPDL
60
240
µs
RTC Accuracy at +25°C
-2
+2
min/mth
9
Note 1:
All voltages are referenced to ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com