Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020 Datasheet(PDF) 5 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 5 Page - Texas Instruments

  TUSB6020 Datasheet HTML 1Page - Texas Instruments TUSB6020 Datasheet HTML 2Page - Texas Instruments TUSB6020 Datasheet HTML 3Page - Texas Instruments TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDDS
Supply voltage
–0.5
4.2
V
VI
Input voltage range
3.3-V LVCMOS
–0.5
VDDS +0.5
V
VO
Output voltage range
3.3-V LVCMOS
–0.5
VDDS +0.5
V
VDD
Core supply voltage
–0.5
2.1
mA
IIK
Input clamp current
±20
mA
IOK
Output clamp current
±20
mA
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PARAMETER
MIN
TYP
MAX
UNIT
VDDS
Supply voltage(1)
3
3.3
3.6
mA
VDD
Core supply voltage
1.35
1.5
1.65
mA
VI
Input voltage range
LVCMOS – VLYNQ interface
0
VDDS
V
VO
Output voltage range
LVCMOS – VLYNQ interface
0
VDDS
V
VIH
High-level input voltage
LVCMOS – VLYNQ interface
0.7
× V
DDS
V
VIL
Low-level input voltage
LVCMOS – VLYNQ interface
0
0.3
× V
DDS
μA
TA
Operating temperature
0
70
μA
TJ
Operating junction temperature range
0
μA
(1)
Applies to both digital core supply voltage, DVDD, and analog supply voltage, AVDD.
5
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com