Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020 Datasheet(PDF) 6 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TUSB6020 Datasheet HTML 2Page - Texas Instruments TUSB6020 Datasheet HTML 3Page - Texas Instruments TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments TUSB6020 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
www.ti.com
TUSB6020 VLYNQ IINTERFACE
Electrical Characteristics
Electrical Characteristics
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
TJ = 25°C, VDD = 1.5 V ±5%, VDDS = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
IOL
Low-level input current
LVCMOS
VDDS = 3.3 V, VDD = 1.5 V
8
mA
IOH
High-level input current
LVCMOS
VDDS = 3.3 V, VDD = 1.5 V
–8
mA
IO = –100 μA
VDDS – 0.2
VOH
High-level output voltage LVCMOS
V
IO = IOH
0.8
× V
DDS
IO = 100 μA
0.2
VOL
Low-level output voltage
LVCMOS
V
IO = IOL
0.22
× V
DDS
Vhys
Hysteresis
LVCMOS
VI = VIH
0.13
× V
DDS
V
IIH
High-level input current
Receiver only
VI = VI max
±1
μA
IIL
Low-level input current
Receiver only
VI = VI min
±1
μA
Output leakage current
IOZ
Driver only
Driver disabled
±20
μA
(Hi-Z)
TJ = 25°C, VDD = 1.5 V ±5%, VDDS = 3.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Driver Characteristics
Load: CL = 10 pF
1.68
Rise time
tr
(time between 10% and 90% swing of
Load: CL = 50 pF
6.56
ns
3.3 V)
Load: CL = 125 pF
15.78
Load: CL = 5 pF
2.09
Fall time
tf
(time between 90% and 10% swing of
Load: CL = 5 pF
8.19
ns
3.3 V)
Load: CL = 15 pF
19.75
6
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com