Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020 Datasheet(PDF) 8 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments TUSB6020 Datasheet HTML 10Page - Texas Instruments TUSB6020 Datasheet HTML 11Page - Texas Instruments TUSB6020 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
www.ti.com
Vbat
Ext. Pwr. Mgmt: Vio (1.8 V)
Ext Host: GPIOn
TPS65030: EN2 (3.3 V, 1.5 V)
TUSB6020: CPEN
TPS65030: EN1 (5 V)
TUSB6020: SWEN
TPS65030: SW_EN (Vbat/Vbus)
TPS65030: Pgood
TUSB6020: RSTn
TPS65030: Vout3 (1.5 V)
TPS65030: Vout2 (3.3 V)
TUSB6020: INT
Ext Host: ExtInt/GPIOn
TUSB6020: IO Interface Status
TUSB6020: GPIO7 (Host Mode
Select) TPS65030: TEST
TUSB6020: GPIO6
(Reference Clock Select)
Signal state cannot be ensured.
Signal state is stable and valid.
NOTE: Host mode and reference clock source selection is latched on RSTn rising edge. No external components are required to select NOR flash host mode
and CLKIN as a reference clock source.
Pulled down by Host Processor
internal pulldown resistor
Ext. Host GPIOn configured as output
Ext. Host GPIOn
enabled by SW
IOINTERFACEISNOT INITIALIZED
IOINTERFACEISINITIALIZED
Pulled up by TUSB6020 GPIO7 internal pullup resistor (NOR FLASH Mode is selected)
Pulled up by TUSB6020 GPIO6 internal pullup resistor (CLKIN is selected reference clock source)
Pulled high by TUSB6020
internal pullup
TUSB6020 sets INT low to
indicate device is reday
DEVICE PEAK POWER CONSUMPTION ESTIMATE
INPUT CLOCK REQUIREMENTS
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
APPLICATION INFORMATION (continued)
Figure 1. System Power-Up Sequence
POWER SUPPLY
RESET STATE
NORMAL STATE
IDLE(1)
1.5 V
25 mA
110 mA
25 mA if XI is used as reference clock source
1.8 V
60 mA
80
μA
18 mA if CLKIN is used as reference clock source
3.3 V
10 mA
22 mA
(1)
In the idle state, device power consumption, including the companion power-management device (TPS65030), should not exceed
100
μA.
PARAMETER
VALUE
Normal clock frequency
19.200, 24.000, or 48.000 MHz
Frequency accuracy
±100 ppm
Minimum rise/fall time
5 ns (10% to 90%)
Voltage level
1.8 V
Input clock type
Square wave
Duty cycle
40% to 60%
Input capacitance loading
4 pF
–95 dBc at 1 MHz
Jitter
–120 dBc at 100 MHz
8
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com