Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020 Datasheet(PDF) 7 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TUSB6020 Datasheet HTML 3Page - Texas Instruments TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments TUSB6020 Datasheet HTML 10Page - Texas Instruments TUSB6020 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
www.ti.com
APPLICATION INFORMATION
Power-Sequencing Guidelines
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
During powerup, the USB 2.0 OTG PHY macro is not suspended, and the 60-MHz system clock is enabled and
free running.
• The reference clock input is selected between CLKIN and XI based on the sense-on-reset.
• The default system clock is a device reference clock input (CLKIN or XI, depending on sampling GPIO6
during power-up).
• The digital core and PHY reset are synchronized to the system clock.
The Mentor Graphics MUSBMHDRC USB 2.0 dual-role controller powers up as a type-B device (B-Device bit in
the DevCtl register is set), and the OTG session is not enabled (session bit in the DevCtl register is set to 0).
With the session not started, all of the MUSBMHDRC finite state machines are in the idle state.
The TUSB6020 controller is in the normal state.
After the reset ID is deasserted, the device asserts the DevReady interrupt to the external host.
The external host responds to the interrupt. It reads the interrupt status register and decides how to proceed
based on the device’s current status.
The external host enables IDpullup and the VBUS sense comparator. It reads the Device Status register to
confirm the USB cable connection.
• If no USB cable in attached, IDpullup should be high and V
BUS should be low.
• If the type-B USB connector is attached, IDpullup should be high. The V
BUS status depends on whether the
type-A device on the other side of the cable is charging VBUS.
• If the type-A USB connector is attached, IDpullup should be low and V
BUS should be low. The external host
decides when to charge VBUS.
The external host may decide to place the device into idle state if:
• No USB cable is attached.
• The type-B connector is attached but the type-A device did not charge V
BUS.
• The type-A connector is attached but the external host may decide to wait for an SRP request from the
type-B device.
The external host configures wake-up sources before setting the Idle bit. It does the following:
• Enables the IDpullup wake-up source
• Enables the V
BUS Sense wake-up source
• Enables the USB resume (LineState) wake-up source
• Enables the external host (NOR FLASH/VLYNQ) wake-up source
• Enables wake-up interrupts
The external host sets the Idle bit. The device starts the transition to the idle state. During transitions from the
normal to the idle state, the device ignores all wake-up events. The device can respond to wake-up events only
when in the idle state.
In the idle state, the device asserts the SLEEP output pin to the companion power-management device to place
it into low power/sleep mode if the PmIdle and DevIdle bits are set in the PRCM Power Management register. In
sleep state, the companion power-management device provides 100 A maximum per power rail (1.5 V and
3.3 V). The power-management device can be put into the sleep state only if the device is placed in the idle
state (DevIdle bit set).
If the application requires the companion power management device to remain in the normal state, the PmIdle
bit will not be set, while the DevIdle bit can be set to place the device into the idle state.
Figure 1 illustrates the power-up sequence.
7
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com