Electronic Components Datasheet Search
  English  ▼

X  

TUSB6020 Datasheet(PDF) 9 Page - Texas Instruments

Part # TUSB6020
Description  USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TUSB6020 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TUSB6020 Datasheet HTML 4Page - Texas Instruments TUSB6020 Datasheet HTML 5Page - Texas Instruments TUSB6020 Datasheet HTML 6Page - Texas Instruments TUSB6020 Datasheet HTML 7Page - Texas Instruments TUSB6020 Datasheet HTML 8Page - Texas Instruments TUSB6020 Datasheet HTML 9Page - Texas Instruments TUSB6020 Datasheet HTML 10Page - Texas Instruments TUSB6020 Datasheet HTML 11Page - Texas Instruments TUSB6020 Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
CRYSTAL REQUIREMENTS
Frequency
Frequency Tolerances
Load Capacitance
Mechanical Characteristics
Reflow Conditions
MicroStar BGA™/
Junior™
Recommended Lead Free Reflow Profile
In the case of Sn/Ag/Cu solder paste
MicroStar
Reflow temperature is defined at package top.
Time
Peak temperature
260°C max
30 – 60 s
90 ± 30 s
1–5
sec
°C/
(°C)
260
235
225
200
150
TUSB6020
USB 2.0 HIGH-SPEED ON-THE-GO DUAL-ROLE CONTROLLER
SCPS170C – JANUARY 2007 – REVISED JULY 2007
The required frequency of oscillation for the crystal can be 19.200, 24.000, or 48.000 MHz.
Frequency tolerance is the maximum allowable deviation from the nominal crystal frequency at a specified
temperature, usually 25
°C. The recommended frequency tolerance of the crystal over the manufacturing process
is
±50 ppm. The maximum acceptable frequency tolerance of the crystal over the manufacturing process is
±100 ppm.
NOTE
The total system frequency tolerance from the crystal, the load capacitors, the
capacitive load of the board, the capacitive load of the device pins, the variation over
temperature, the variation with age, and the circuitry of the PHY must be less than
±500 ppm. Consequently, the individual tolerance for the crystal must be ≤ ±100 ppm.
The oscillator of the USB device may have difficulty driving a large load capacitance, so crystals that specify
large load capacitances should be avoided. For more information on crystal requirements, see the following
application report from TI: Selection and Specification of Crystals for Texas Instruments USB 2.0 Devices
(literature number SLLA122).
The TUSB6020 controller uses an 80-pin MicroStar BGA™ package. The lead-free solder ball composition is
Sn/Ag1.2Cu0.5 (proportions by weight). The substrate plating on the die side where the die bonds to is NiAu.
The substrate finish on the bottom side where the solder balls attach to is bare Cu.
Figure 2. Reflow Conditons
9
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com