Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 39 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 35Page - Texas Instruments TMDS442 Datasheet HTML 36Page - Texas Instruments TMDS442 Datasheet HTML 37Page - Texas Instruments TMDS442 Datasheet HTML 38Page - Texas Instruments TMDS442 Datasheet HTML 39Page - Texas Instruments TMDS442 Datasheet HTML 40Page - Texas Instruments TMDS442 Datasheet HTML 41Page - Texas Instruments TMDS442 Datasheet HTML 42Page - Texas Instruments TMDS442 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 45 page
background image
www.ti.com
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Original (August 2006) to A Revision .................................................................................................... Page
• Changed HDMI 1.3 to HDMI 13.a......................................................................................................................................... 1
• Changed 1.65 Gbps to 2.25 Gbps and 8-Bit to 12-Bit.......................................................................................................... 1
• Changed 1.65 Gbps to 2.25 Gbps........................................................................................................................................ 1
• Changed 1.65 Gbps to 2.25 Gbps........................................................................................................................................ 7
• Added 2.25 Gbps Peak-to-peak output jitter from Y/Z(1), residual jitter............................................................................. 10
• Added 2.25 Gbps Peak-to-peak output jitter from Y/Z(2:4), residual jitter.......................................................................... 10
• Changed RESIDUAL PEAK-TO-PEAK JITTER vs DATA RATE curves............................................................................ 18
• Changed RESIDUAL PEAK-TO-PEAK JITTER vs DATA RATE curves............................................................................ 18
• Changed RESIDUAL PEAK-TO-PEAK JITTER vs DATA RATE curves............................................................................ 19
• Added RESIDUAL PEAK-TO-PEAK JITTER vs DATA RATE curves................................................................................ 19
39
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com