Electronic Components Datasheet Search
  English  ▼

X  

TMDS442 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TMDS442
Description  4-TO-2 DVI/HDMI SWITCH
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMDS442 Datasheet(HTML) 27 Page - Texas Instruments

Back Button TMDS442 Datasheet HTML 23Page - Texas Instruments TMDS442 Datasheet HTML 24Page - Texas Instruments TMDS442 Datasheet HTML 25Page - Texas Instruments TMDS442 Datasheet HTML 26Page - Texas Instruments TMDS442 Datasheet HTML 27Page - Texas Instruments TMDS442 Datasheet HTML 28Page - Texas Instruments TMDS442 Datasheet HTML 29Page - Texas Instruments TMDS442 Datasheet HTML 30Page - Texas Instruments TMDS442 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
www.ti.com
Sink Port Selection Register and Source Plug-In Status Register Description (Sub-Address)
Sink Port Register Bit Descriptions
TMDS442
SLLS757A – AUGUST 2006 – REVISED MARCH 2007
APPLICATION INFORMATION (continued)
connected to VCC for logic 1, GND for logic 0, or can be actively driven by TTL/CMOS logic levels. The device
addresses are set by the state of these pins and are not latched. Thus a dynamic address control system could
be utilized to incorporate several devices on the same system. Up to four TMDS442 devices can be connected
to the same I2C-Bus without requiring additional glue logic. Table 1 lists the possible addresses for the
TMDS442.
Table 1. TMDS442 Slave Addresses
FIXED ADDRESSES
SELECTABLE WITH ADDRESS PINS
READ/WRITE BIT
BIT 7 (MSB)
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2 (A1)
BIT 1 (A0)
BIT 0 (R/W)
0
1
0
1
1
0
0
0
0
1
0
1
1
0
0
1
0
1
0
1
1
0
1
0
0
1
0
1
1
0
1
1
0
1
0
1
1
1
0
0
0
1
0
1
1
1
0
1
0
1
0
1
1
1
1
0
0
1
0
1
1
1
1
1
The TMDS442 operates using only a single byte transfer protocol similar to Figure 27 and Figure 29. The
internal sub-address registers and the functionality of each can be found in Table 2. When writing to the device,
it is required to send one byte of data to the corresponding internal sub-address. If control of two sink ports and
source plug-in status is desired, then the master will have to cycle through the sub-addresses (sink ports) one at
a time as illustrated in the Example – Writing to the TMDS442 section for the proper procedure of writing to the
TMDS442.
During a read cycle, the TMDS442 sends the data in its selected sub-address in a single transfer to the master
device requesting the information. See the Example – Reading from the TMDS442 section of this document for
the proper procedure on reading from the TMDS442. Upon power up, the TMDS442 registers are in a default
value, 0000 0011.
Table 2. TMDS442 Sink Port and Source Plug-In Status Registers Selection
REGISTER NAME
BIT ADDRESS (b7b6b5...b0)
Sink port 1
0000 0001
Sink port 2
0000 0010
Source plug-in status
0000 0011
Each bit of the first two sub-addresses, sink port 1 and port 2 control registers, allows the user to individually
control the functionality of the TMDS442. The benefit of this process allows the user to control the functionality
of each sink port independent of the other sink port. The bit description is decoded in Table 3.
Table 3. TMDS442 Sink Port Register Bit Decoder
BIT
FUNCTION
BIT VALUES
RESULT
7, 6, 5
Reserved
000
Default value
0
3dB De-emphasis off
4
PRE
1
3dB De-emphasis on
0
Sink side I2C buffer is disabled (Hi-Z)
3
I2CEN
1
Sink side I2C buffer is enabled
0
Sink side TMDS on
2
OE
1
Sink side TMDS off (Hi-Z)
27
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com